Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 146 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 142Page - Texas Instruments AM261...ZFG Datasheet HTML 143Page - Texas Instruments AM261...ZFG Datasheet HTML 144Page - Texas Instruments AM261...ZFG Datasheet HTML 145Page - Texas Instruments AM261...ZFG Datasheet HTML 146Page - Texas Instruments AM261...ZFG Datasheet HTML 147Page - Texas Instruments AM261...ZFG Datasheet HTML 148Page - Texas Instruments AM261...ZFG Datasheet HTML 149Page - Texas Instruments AM261...ZFG Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 218 page
background image
6.11.5.10 Modular Controller Area Network (MCAN)
For more details about features and additional description information on the device Controller Area Network
Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
The device has multiple MCAN modules. MCANn is a generic prefix applied to MCAN signal names,
where n represents the specific MCAN module.
For more information, see Controller Area Network (MCAN) section in the device TRM.
6.11.5.10.1 MCAN Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
2
15
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
5
20
pF
6.11.5.10.2 MCAN Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
M1
td(MCAN_TX)
Delay time, transmit shift register to
MCAN_TX pin
10
ns
M2
td(MCAN_RX)
Delay time, MCAN_RX pin to receive shift
register
10
ns
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
146
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com