Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 147 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 147 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 143Page - Texas Instruments AM261...ZFG Datasheet HTML 144Page - Texas Instruments AM261...ZFG Datasheet HTML 145Page - Texas Instruments AM261...ZFG Datasheet HTML 146Page - Texas Instruments AM261...ZFG Datasheet HTML 147Page - Texas Instruments AM261...ZFG Datasheet HTML 148Page - Texas Instruments AM261...ZFG Datasheet HTML 149Page - Texas Instruments AM261...ZFG Datasheet HTML 150Page - Texas Instruments AM261...ZFG Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 218 page
background image
6.11.5.11 Serial Peripheral Interface (SPI)
For more details about features and additional description information on the device Serial Port Interface, see
the corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
The device has multiple SPI modules. The generic SPI_ prefix is used to represent the signal names
for all SPI instances.
For more information, see the Serial Peripheral Interface (SPI) section in the device TRM.
6.11.5.11.1 SPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
2
8.5
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
24
pF
6.11.5.11.2 SPI Controller Mode Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
Normal Mode
SM4
tsu(MISO-SPICLK)
Setup time, SPI_D[x] valid before SPI_SCLK
active edge
2
ns
SM5
th(SPICLK-MISO)
Hold time, SPI_D[x] valid after SPI_SCLK active
edge
3
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
147
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com