Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 150 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 150 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 146Page - Texas Instruments AM261...ZFG Datasheet HTML 147Page - Texas Instruments AM261...ZFG Datasheet HTML 148Page - Texas Instruments AM261...ZFG Datasheet HTML 149Page - Texas Instruments AM261...ZFG Datasheet HTML 150Page - Texas Instruments AM261...ZFG Datasheet HTML 151Page - Texas Instruments AM261...ZFG Datasheet HTML 152Page - Texas Instruments AM261...ZFG Datasheet HTML 153Page - Texas Instruments AM261...ZFG Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 218 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS8
tsu(CS-SPICLK)
Setup time, SPI_CS[i] valid before SPI_SCLK
first edge
5
ns
SS9
th(SPICLK-CS)
Hold time, SPI_CS[i] valid after SPI_SCLK last
edge
5
ns
(1)
P = SPICLK period.
SPI_CS[i]
(IN)
SPI_SCLK
(IN)
SPI_SCLK
(IN)
SPI_D[x]
(IN)
SPI_CS[i]
(IN)
SPI_SCLK
(IN)
SPI_SCLK
(IN)
SPI_D[x]
(IN)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
POL=0
POL=1
PHA=1
EPOL=1
SS3
SS1
SS3
SS1
SS3
SS1
SS2
SS1
SS8
SS9
SS8
SS9
SS2
SS3
SS2
SS2
SS4
SS5
SS5
SS4
SS4
SS5
SS4
SS5
SPRSP08_TIMING_McSPI_04
Figure 6-43. SPI Peripheral Mode Receive Timing
6.11.5.11.5 SPI Peripheral Mode Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
Normal Mode
SS6
td(SPICLK-SOMI)
Delay time, SPI_SCLK active edge to
MCSPI_SOMI transition
2
17.12
ns
SS7
tsk(CS-SOMI)
Delay time, SPI_CS[i] active edge to
MCSPI_SOMI transition
20.95
ns
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
150
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com