Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 140 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 136Page - Texas Instruments AM261...ZEJ Datasheet HTML 137Page - Texas Instruments AM261...ZEJ Datasheet HTML 138Page - Texas Instruments AM261...ZEJ Datasheet HTML 139Page - Texas Instruments AM261...ZEJ Datasheet HTML 140Page - Texas Instruments AM261...ZEJ Datasheet HTML 141Page - Texas Instruments AM261...ZEJ Datasheet HTML 142Page - Texas Instruments AM261...ZEJ Datasheet HTML 143Page - Texas Instruments AM261...ZEJ Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 218 page
background image
6.11.5.7.7 GPMC/NAND Flash Switching Characteristics - Asynchronous Mode 100MHz
(15)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
GNF0
tw(wenV)
Pulse duration, GPMC0_WEn valid
A(1)
ns
GNF1
td(csnV-wenV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_WEn valid
B(2) – 2
B(2) + 2
ns
GNF2
tw(cleH-wenV)
Delay time, GPMC0_BE0n_CLE high to
GPMC0_WEn valid
C(3) – 2
C(3) + 2
ns
GNF3
tw(wenV-dV)
Delay time, GPMC0_AD[31:0] valid to
GPMC0_WEn valid
D(4) – 2
D(4) + 2
ns
GNF4
tw(wenIV-dIV)
Delay time, GPMC0_WEn invalid to
GPMC0_AD[31:0] invalid
E(5) – 2
E(5) + 2
ns
GNF5
tw(wenIV-cleIV)
Delay time, GPMC0_WEn invalid to
GPMC0_BE0n_CLE invalid
F(6) – 2
F(6) + 2
ns
GNF6
tw(wenIV-csnIV)
Delay time, GPMC0_WEn invalid to
GPMC0_CSn[x](13) invalid
G(7) – 2
G(7) + 2
ns
GNF7
tw(aleH-wenV)
Delay time, GPMC0_ADVn_ALE high to
GPMC0_WEn valid
C(3) – 2
C(3) + 2
ns
GNF8
tw(wenIV-aleIV)
Delay time, GPMC0_WEn invalid to
GPMC0_ADVn_ALE invalid
F(6) – 2
F(6) + 2
ns
GNF9
tc(wen)
Cycle time, write
H(8)
ns
GNF10
td(csnV-oenV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_OEn_REn valid
I(9) – 2
I(9) + 2
ns
GNF13
tw(oenV)
Pulse duration, GPMC0_OEn_REn valid
K(10)
ns
GNF14
tc(oen)
Cycle time, read
L(11)
ns
GNF15
tw(oenIV-csnIV)
Delay time, GPMC0_OEn_REn invalid to
GPMC0_CSn[x](13) invalid
M(12) – 2
M(12) + 2
ns
(1)
A = (WEOffTime - WEOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
(2)
B = ((WEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(3)
C = ((WEOnTime - ADVOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - ADVExtraDelay)) × GPMC_FCLK(14)
(4)
D = (WEOnTime × (TimeParaGranularity + 1) + 0.5 × WEExtraDelay) × GPMC_FCLK(14)
(5)
E = ((WrCycleTime - WEOffTime) × (TimeParaGranularity + 1) - 0.5 × WEExtraDelay) × GPMC_FCLK(14)
(6)
F = ((ADVWrOffTime - WEOffTime) × (TimeParaGranularity + 1) + 0.5 × (ADVExtraDelay - WEExtraDelay)) × GPMC_FCLK(14)
(7)
G = ((CSWrOffTime - WEOffTime) × (TimeParaGranularity + 1) + 0.5 × (CSExtraDelay - WEExtraDelay)) × GPMC_FCLK(14)
(8)
H = WrCycleTime × (1 + TimeParaGranularity) × GPMC_FCLK(14)
(9)
I = ((OEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (OEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(10) K = (OEOffTime - OEOnTime) × (1 + TimeParaGranularity) × GPMC_FCLK(14)
(11) L = RdCycleTime × (1 + TimeParaGranularity) × GPMC_FCLK(14)
(12) M = ((CSRdOffTime - OEOffTime) × (TimeParaGranularity + 1) + 0.5 × (CSExtraDelay - OEExtraDelay)) × GPMC_FCLK(14)
(13) In GPMC_CSn[x], x is equal to 0, 1, 2 or 3.
(14) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(15) 100MHz GPMC_FCLK selected - CTRLMMR_GPMC_CLKSEL[0] CLK_SEL = 1 = MAIN_PLL2_HSDIV7_CLKOUT (100/60 MHz)
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
140
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com