Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 33 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 33 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 29Page - Texas Instruments AM261...ZEJ Datasheet HTML 30Page - Texas Instruments AM261...ZEJ Datasheet HTML 31Page - Texas Instruments AM261...ZEJ Datasheet HTML 32Page - Texas Instruments AM261...ZEJ Datasheet HTML 33Page - Texas Instruments AM261...ZEJ Datasheet HTML 34Page - Texas Instruments AM261...ZEJ Datasheet HTML 35Page - Texas Instruments AM261...ZEJ Datasheet HTML 36Page - Texas Instruments AM261...ZEJ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
B13
B15
B12
B13
GPIO134
GPIO134_CFG_REG
0x5310 0218
0x0000 05F7
I2C0_SDA
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
I2C OPEN
DRAIN
GPIO134
7
IO
SDFM1_CLK2
9
I
A13
A15
A13
A13
GPIO135
GPIO135_CFG_REG
0x5310 021C
0x0000 05F7
I2C0_SCL
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
I2C OPEN
DRAIN
GPIO135
7
IO
SDFM1_CLK3
9
I
B12
B14
GPIO136
GPIO136_CFG_REG
0x5310 0220
0x0000 05F7
UART1_RTSn
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
SPI0_CS1
1
IO
LIN0_RXD
2
IO
UART3_RXD
3
I
GPIO136
7
IO
SDFM1_D2
9
I
A12
A14
GPIO137
GPIO137_CFG_REG
0x5310 0224
0x0000 05F7
UART2_RTSn
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
EQEP1_INDEX
1
IO
LIN0_TXD
2
IO
UART3_TXD
3
O
GPIO137
7
IO
SDFM1_D3
9
I
M2
M1
H1
J3
GPIO138
GPIO138_CFG_REG
0x5310 0228
0x0000 0570
CLKOUT0
0
O
Off / Off / Off
Off / SS / Off
Mode0
1.8V/3.3V
Yes
LVCMOS
PU/PD
LIN1_RXD
1
IO
OSPI0_ECC_FAIL
2
I
UART1_RXD
3
I
SPI2_CS0
4
IO
OSPI1_ECC_FAIL
5
I
USB0_DRVVBUS
6
O
GPIO138
7
IO
SAFETY_ERRORn
8
IO
V2
V1
R1
V1
GPIO139
GPIO139_CFG_REG
0x5310 022C
0x00 0060
USB0_DP
0
IO
Off / Off / Off
Off / SS / Off
Mode0
3.3V
0
Analog
0
UART5_RXD
1
I
GPIO139
7
IO
U3
W1
P1
U1
GPIO140
GPIO140_CFG_REG
0x5310 0230
0x00 0060
USB0_DM
0
IO
Off / Off / Off
Off / SS / Off
Mode0
3.3V
0
Analog
0
UART5_TXD
1
O
GPIO140
7
IO
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com