Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 87 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 83Page - Texas Instruments AM261...ZEJ Datasheet HTML 84Page - Texas Instruments AM261...ZEJ Datasheet HTML 85Page - Texas Instruments AM261...ZEJ Datasheet HTML 86Page - Texas Instruments AM261...ZEJ Datasheet HTML 87Page - Texas Instruments AM261...ZEJ Datasheet HTML 88Page - Texas Instruments AM261...ZEJ Datasheet HTML 89Page - Texas Instruments AM261...ZEJ Datasheet HTML 90Page - Texas Instruments AM261...ZEJ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 218 page
background image
6.5 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD(1)
SOC VDD Core Supply
R5F = 400MHz
1.140
1.2
1.26
V
R5F = 500MHz
1.188
1.25
1.32
V
VDDAR1, VDDAR2,
VDDAR3(1)
SRAM Array Supplies
R5F = 400MHz
1.140
1.2
1.26
V
R5F = 500MHz
1.188
1.25
1.32
V
VDDS18
1.8V IO Bias Supply from Bias LDO routed through board
1.710
1.800
1.890
V
VDDS33
3.3V IO Supply
3.135
3.300
3.465
V
VDDA18_OSC_PLL
1.8V Analog supply for PLL. Routed from the Analog LDO
out through board
1.710
1.800
1.890
V
VDDA33
Analog 3.3V Supply
3.135
3.300
3.465
V
VDDA18
1.8V Analog supply. Routed from 1.8V Analog LDO out
through Board
1.710
1.800
1.890
V
TJ
Operating junction temperature range
Extended
Automotive
-40
150
°C
Extended
Industrial
–40
125
°C
(1)
Devices of the 'O' Speed grade must follow the Recommended Operating Conditions for R5F at 500MHz regardless of the core
frequency settings
6.6 Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of each Operating
Performance Point (OPP) for processor clocks, device core clocks, and available memory.
DEVICE
GRADE
RAM
(MB)
R5FSS
(MHz)
HSM
(MHz)
ICSS
(MHz)
INFRA(1)
(MHz)
AM261x
L
1.5
400
200
200
200
AM261x
O(2)
1.5
500
250
225
200
AM261x
P
1.5
200
200
200
200
(1)
Infrastructure includes all other modules and IP integrated in the device (such as CBASS/Interconnect and other SoC level peripherals)
unless otherwise noted in the table.
(2)
Devices of the 'O' Speed grade must follow the Recommended Operating Conditions for R5F at 500MHz regardless of the core
frequency settings
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com