Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 11 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 7Page - Texas Instruments AM261...ZEJ Datasheet HTML 8Page - Texas Instruments AM261...ZEJ Datasheet HTML 9Page - Texas Instruments AM261...ZEJ Datasheet HTML 10Page - Texas Instruments AM261...ZEJ Datasheet HTML 11Page - Texas Instruments AM261...ZEJ Datasheet HTML 12Page - Texas Instruments AM261...ZEJ Datasheet HTML 13Page - Texas Instruments AM261...ZEJ Datasheet HTML 14Page - Texas Instruments AM261...ZEJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 218 page
background image
4.2 Related Products
Sitara™ Microcontrollers Family of Arm® Cortex®-R based high performance microcontrollers with advanced
networking, real-time control, and signal processing accelerators to meet emerging MCU requirements for
industrial and automotive applications.
Sitara™ Microcontrollers - Evaluation Modules TI provides device-specific Evaluation Module (EVM) designs
to help kick-start product development. See the LP-AM261 and AM261-SOM-EVM for more information.
MCU-PLUS_SDK_AM261X The AM261x microcontroller (MCU) plus software development kit (SDK) is a
unified software platform for embedded processors providing easy setup and fast out-of-the-box access to
examples, benchmarks and demonstrations. This software accelerates application development schedules by
eliminating creating basic system software functions from scratch.
Products to complete your design The following list of products are frequently purchased or used in
conjunction with the AM261x device to meet your system design requirements.
• TPS65036x-Q1 - Functional safety-compliant multi-rail power supply for safety MCUs applications.
• TPS3704-Q1 - Automotive multichannel window supervisor with very-high accuracy and compact form factor.
• DP83TG720S-Q1 - 1000BASE-T1 automotive Ethernet PHY with RGMII.
• DP83826E - Low latency 10/100Mbps Ethernet PHY with MII interface and enhanced mode.
• DP83869HM - Extended temperature, high-immunity gigabit Ethernet PHY transceiver with copper & fiber
interface.
• TCAN1042H-Q1 - Automotive 70V bus-fault-protected CAN transceiver with flexible data-rate.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com