Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 83 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 79Page - Texas Instruments AM261...ZEJ Datasheet HTML 80Page - Texas Instruments AM261...ZEJ Datasheet HTML 81Page - Texas Instruments AM261...ZEJ Datasheet HTML 82Page - Texas Instruments AM261...ZEJ Datasheet HTML 83Page - Texas Instruments AM261...ZEJ Datasheet HTML 84Page - Texas Instruments AM261...ZEJ Datasheet HTML 85Page - Texas Instruments AM261...ZEJ Datasheet HTML 86Page - Texas Instruments AM261...ZEJ Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 218 page
background image
5.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
as well as any unused balls.
Pin Connectivity Requirements
ZCZ Ball
Number
ZFG Ball
Number
ZEJ Ball
Number
ZNC Ball
Number
Ball Name
Pin Connectivity Requirements
D4
E3
B3
C5
SAFETY_ERRORn
This pin must be connected to ground (VSS) through a
separate external pull resistor to ensure it is held to a valid
logic low level if a PCB signal trace is connected and not
actively driven by an attached device. The internal pull–down
may be used to hold a valid logic low level if no PCB signal
trace is connected to the ball.
B3
C5
D5
D4
C5
D6
C6
D5
C7
B6
C7
B7
TCK
TDI
TMS
Each of these pins must be connected to the corresponding
power supply through separate external pull resistors to
ensure these balls are held to a valid logic high level if a
PCB signal trace is connected and not actively driven by an
attached device. The internal pull–up may be used to hold a
valid logic high level if no PCB signal trace is connected to the
ball.
A13
B13
A15
B15
A13
B12
A13
B13
GPIO135 (I2C0_SCL)
GPIO134 (I2C0_SDA)
Each of these pins must be connected to the corresponding
power supply through separate external pull resistors to
ensure these balls are held to a valid logic high level.
N1
N4
A11
C10
R2
R1
A13
B12
M2
N1
A12
A10
N2
N1
A12
B12
GPIO3 (SOP0)
GPIO4 (SOP1)
GPIO12 (SOP2)
GPIO13 (SOP3)
Each of these pins must be connected to the corresponding
power supply or ground (VSS) through separate external pull
resistors to ensure these balls are held to a valid logic high
or low level as appropriate to select the desired device boot
mode.
U16
V16
R13
U15
ADC_CAL0
If all ADCx_AINy inputs for all ADC instances
(ADC[0:2]_AIN[0:6]) are not used, the ADC_CAL0 analog pin
must be connected (shorted) directly to ground (VSS).
U2
Y4
R5
V5
VSYS_MON
If VSYS_MON is not used, this pin may be connected
(shorted) directly to ground (VSS).
T4
V7
N8
T8
VDD_TEMP
If the internal temp diode is being used this pin must be
connected to the 1.2V/1.25V power rail. If the internal temp
diode is not being used this pin can be connected (shorted)
directly to ground (VSS).
T6
W5
T4
W5
ATESTV1
This pin is reserved and must be left unconnected.
U1
W3
P5
W4
TEMPCAL
This pin is reserved and must be connected to ground (VSS).
NC ZCZ
PIN
NC ZFG
PIN
-
-
NC
Any pin labeled NC should be left unconnected.
ADC ZCZ
PIN
ADC ZFG
PIN
ADC ZEJ
PIN
ADC ZNC
PIN
ADC[0:2]_AIN[0:6]
Any unused ADCx_AINy input pin for any ADC instance
(ADC[0:2]_AIN[0:6]) must be connected (shorted) directly to
ground (VSS).
LVCMOS
ZCZ PIN
LVCMOS
ZFG PIN
LVCMOS
ZEJ PIN
LVCMOS
ZNC PIN
Any LVCMOS Voltage
Buffer Pin
If an associated IOMUX pad configuration register exists
for a given pin, it may remain unconnected. After PORz,
the LVCMOS voltage buffer is configured to a default state
compatible with an unconnected ball.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com