Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 73 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 69Page - Texas Instruments AM261...ZEJ Datasheet HTML 70Page - Texas Instruments AM261...ZEJ Datasheet HTML 71Page - Texas Instruments AM261...ZEJ Datasheet HTML 72Page - Texas Instruments AM261...ZEJ Datasheet HTML 73Page - Texas Instruments AM261...ZEJ Datasheet HTML 74Page - Texas Instruments AM261...ZEJ Datasheet HTML 75Page - Texas Instruments AM261...ZEJ Datasheet HTML 76Page - Texas Instruments AM261...ZEJ Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 218 page
background image
Table 5-46. PRU-ICSS GPIO Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR0_PRU0_GPIO0
IO
PRU0 General Purpose Input/Output
K17
N17
K14
M18
PR0_PRU0_GPIO1
IO
PRU0 General Purpose Input/Output
K18
N19
H14
L19
PR0_PRU0_GPIO2
IO
PRU0 General Purpose Input/Output
J18
M18
G16
K19
PR0_PRU0_GPIO3
IO
PRU0 General Purpose Input/Output
J17
M20
J14
L17
PR0_PRU0_GPIO4
IO
PRU0 General Purpose Input/Output
K16
L20
G15
J19
PR0_PRU0_GPIO5
IO
PRU0 General Purpose Input/Output
G17
K19
F14
G17
PR0_PRU0_GPIO6
IO
PRU0 General Purpose Input/Output
K15
N20
H15
L18
PR0_PRU0_GPIO7
IO
PRU0 General Purpose Input/Output
N17
T19
M15
T18
PR0_PRU0_GPIO8
IO
PRU0 General Purpose Input/Output
G15
J18
E14
G19
PR0_PRU0_GPIO9
IO
PRU0 General Purpose Input/Output
F17
J19
E15
PR0_PRU0_GPIO10
IO
PRU0 General Purpose Input/Output
G18
J20
E16
J18
PR0_PRU0_GPIO11
IO
PRU0 General Purpose Input/Output
M16
P20
J15
N18
PR0_PRU0_GPIO12
IO
PRU0 General Purpose Input/Output
M15
P19
J16
N19
PR0_PRU0_GPIO13
IO
PRU0 General Purpose Input/Output
H17
K20
F15
H19
PR0_PRU0_GPIO14
IO
PRU0 General Purpose Input/Output
H16
L19
G14
H18
PR0_PRU0_GPIO15
IO
PRU0 General Purpose Input/Output
L16
P18
H16
M19
PR0_PRU0_GPIO16
IO
PRU0 General Purpose Input/Output
H18
M19
F16
K18
PR0_PRU1_GPIO0
IO
PRU1 General Purpose Input/Output
F18
H20
D14
G18
PR0_PRU1_GPIO1
IO
PRU1 General Purpose Input/Output
G16
H19
D16
F18
PR0_PRU1_GPIO2
IO
PRU1 General Purpose Input/Output
E17
H17
E17
PR0_PRU1_GPIO3
IO
PRU1 General Purpose Input/Output
E18
G20
F19
PR0_PRU1_GPIO4
IO
PRU1 General Purpose Input/Output
F16
G19
D15
E19
PR0_PRU1_GPIO5
IO
PRU1 General Purpose Input/Output
F15
F20
E18
PR0_PRU1_GPIO6
IO
PRU1 General Purpose Input/Output
E16
F19
E13
D19
PR0_PRU1_GPIO7
IO
PRU1 General Purpose Input/Output
A16, G3
A19, H2
C16, E2
E1
PR0_PRU1_GPIO8
IO
PRU1 General Purpose Input/Output
D18
G18
C19
PR0_PRU1_GPIO9
IO
PRU1 General Purpose Input/Output
C18
E20
PR0_PRU1_GPIO10
IO
PRU1 General Purpose Input/Output
D17
E19
PR0_PRU1_GPIO11
IO
PRU1 General Purpose Input/Output
B18
F17
D18
PR0_PRU1_GPIO12
IO
PRU1 General Purpose Input/Output
B17
D20
C18
PR0_PRU1_GPIO13
IO
PRU1 General Purpose Input/Output
D16
C20
B19
PR0_PRU1_GPIO14
IO
PRU1 General Purpose Input/Output
C17
D19
C17
PR0_PRU1_GPIO15
IO
PRU1 General Purpose Input/Output
A17
E18
A18
PR0_PRU1_GPIO16
IO
PRU1 General Purpose Input/Output
C16
B20
B18
PR0_PRU1_GPIO17
IO
PRU1 General Purpose Input/Output
D13
B17
C14
PR0_PRU1_GPIO18
IO
PRU1 General Purpose Input/Output
C15
C19
B17
PR0_PRU1_GPIO19
IO
PRU1 General Purpose Input/Output
D15
C18
B16
PR1_PRU0_GPIO0
IO
PRU0 General Purpose Input/Output
A3, C10, K17,
K2
B12, B5, K1,
N17
A10, G2, K14 B12, G2, M18
PR1_PRU0_GPIO1
IO
PRU0 General Purpose Input/Output
A2, B11, J4,
K18
A4, C12, L4,
N19
A11, H14, H3 B11, H1, L19
PR1_PRU0_GPIO2
IO
PRU0 General Purpose Input/Output
C11, C6, J18,
K4
B13, B4, L1,
M18
B11, G16, H2 C13, H2, K19
PR1_PRU0_GPIO3
IO
PRU0 General Purpose Input/Output
C2
B1
A3
A3
PR1_PRU0_GPIO4
IO
PRU0 General Purpose Input/Output
D2
A3
C5
A4
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com