Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 42 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 42 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 38Page - Texas Instruments AM261...ZEJ Datasheet HTML 39Page - Texas Instruments AM261...ZEJ Datasheet HTML 40Page - Texas Instruments AM261...ZEJ Datasheet HTML 41Page - Texas Instruments AM261...ZEJ Datasheet HTML 42Page - Texas Instruments AM261...ZEJ Datasheet HTML 43Page - Texas Instruments AM261...ZEJ Datasheet HTML 44Page - Texas Instruments AM261...ZEJ Datasheet HTML 45Page - Texas Instruments AM261...ZEJ Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
H1
J3
GPIO65
GPIO65_CFG_REG
0x5310 0104
0x0000 05F7
OSPI0_ECC_FAIL
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
UART2_CTSn
1
I
OSPI0_RESET_OUT1
2
O
I2C1_SDA
3
IO
UART4_RXD
4
I
OSPI0_CSn0
6
O
GPIO65
7
IO
J1
K2
G3
GPIO66
GPIO66_CFG_REG
0x5310 0108
0x0000 05F7
OSPI0_RESET_OUT0
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
I2C1_SCL
3
IO
UART2_RXD
4
I
OSPI0_D1
6
IO
GPIO66
7
IO
K2
K1
G2
G2
GPIO67
GPIO67_CFG_REG
0x5310 010C
0x0000 05F7
PR1_PRU0_GPIO0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D5
2
IO
UART3_CTSn
3
I
GPIO67
7
IO
J4
L4
H3
H1
GPIO68
GPIO68_CFG_REG
0x5310 0110
0x0000 05F7
PR1_PRU0_GPIO1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D7
2
IO
UART1_DCDn
3
I
GPIO68
7
IO
K4
L1
H2
H2
GPIO69
GPIO69_CFG_REG
0x5310 0114
0x0000 05F7
PR1_PRU0_GPIO2
0
IO
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D3
2
IO
UART1_RIn
3
I
GPIO69
7
IO
K3
M2
G1
J1
GPIO70
GPIO70_CFG_REG
0x5310 0118
0x0000 05F7
PR1_PRU0_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_D1
2
IO
UART1_DTRn
3
O
UART3_CTSn
4
I
OSPI1_D1
5
IO
OSPI0_ECC_FAIL
6
I
GPIO70
7
IO
V17
W16
R14
V15
GPIO71
GPIO71_CFG_REG
0x5310 011C
0x0000 05F7
PR1_PRU1_GPIO0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART1_DSRn
1
I
UART4_RTSn
3
O
GPMC0_AD0
6
IO
GPIO71
7
IO
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com