Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 1 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 1 Page - Texas Instruments

  AM261...ZEJ Datasheet HTML 1Page - Texas Instruments AM261...ZEJ Datasheet HTML 2Page - Texas Instruments AM261...ZEJ Datasheet HTML 3Page - Texas Instruments AM261...ZEJ Datasheet HTML 4Page - Texas Instruments AM261...ZEJ Datasheet HTML 5Page - Texas Instruments AM261...ZEJ Datasheet HTML 6Page - Texas Instruments AM261...ZEJ Datasheet HTML 7Page - Texas Instruments AM261...ZEJ Datasheet HTML 8Page - Texas Instruments AM261...ZEJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
AM261x Sitara™ Microcontrollers
1 Features
Processor Cores:
• Single and Dual Arm® Cortex® R5F CPU with each
core running up to 500MHz
– 16KB I-Cache with 64-bit ECC per CPU core
– 16KB D-cache with 32-bit ECC per CPU core
– 256KB Tightly Coupled Memory (TCM) with 32-
bit ECC per core
– Lockstep or Dual-core operation supported
• Trigonometric Math Unit (TMU) for accelerating
trigonometric functions
– Up to 2x, one per R5F MCU core
Memory:
• 1.5MB of On-Chip Shared RAM (OCSRAM):
– 3 banks × 512KB
– ECC error protection for full 1.5MB OCSRAM
– Remote L2 Cache (RL2) for external memory,
software programmable up to 256KB per CPU
core
• 2x Octal Serial Peripheral Interface (OSPI) up to
133MHz SDR and DDR
– 1x with eXecute In Place (XIP) support
– RAM expansion/Flash over the Air (FOTA)
• General-Purpose Memory Controller (GPMC)
– 16-bit parallel data bus with 22-bit address bus
and 4 chip selects
– Up to 4MB addressable memory space
– Integrated Error Location Module (ELM)
support for error checking
System on Chip (SoC) Services and Architecture:
• 1x EDMA to support data movement functions
• Device Boot supported from the following
interfaces:
– UART (Primary/Backup)
– OSPI NOR and NAND Flash (50MHz SDR and
25MHz DDR) (Primary)
– USB Peripheral boot
• Interprocessor communication modules
– SPINLOCK module for synchronizing
processes running on multiple cores
– MAILBOX functionality implemented through
CTRLMMR registers
• Central Platform Time Sync (CPTS) support with
time-sync and compare-event interrupt routers
• Timer Modules:
– 2x Windowed Watchdog Timer (WWDT)
– 4x Real Time Interrupt (RTI) timer
USB 2.0
• Port configurable as USB host, USB device, or
USB Dual-Role device
• USB 2.0 Host mode
– High-Speed (HS, 480Mbps)
– Full-Speed (FS, 12Mbps)
– Low-Speed (LS, 1.5Mbps)
• USB 2.0 Device mode
– High-Speed (HS, 480Mbps)
– Full-Speed (FS, 12Mbps)
Industrial Connectivity:
• 2x Programmable Real-time Unit – Industrial
Communication Subsystem (PRU-ICSS)
– Dual core Programmable Realtime Unit
Subsystem (PRU0 / PRU1) per PRU-ICSS for
4 cores total
• Deterministic hardware
• Dynamic firmware
– 20-channel enhanced input (eGPI) per PRU
– 20-channel enhanced output (eGPO) per PRU
– Embedded Peripherals and Memory
• 1x UART, 1x ECAP, 1x MDIO, 1x IEP
• 1x 32KB Shared General Purpose RAM
• 2x 8KB Shared Data RAM
• 1x 12KB IRAM per PRU
• ScratchPad (SPAD), MAC/CRC
– Digital encoder and sigma-delta control loops
– The PRU-ICSS enables advanced industrial
protocols including:
• EtherCAT®, Ethernet/IP™
• PROFINET®, IO-Link®
– Dedicated Interrupt Controller (INTC)
– Dynamic CONTROLSS XBAR Integration
High Speed Interfaces
• Integrated 3-port Gigabit Ethernet Switch (CPSW)
supporting up to two external ports
– Selectable MII (10/100), RMII (10/100), or
RGMII (10/100/1000)
– IEEE 1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Clause 45 MDIO PHY management
– 512x ALE engine based packet classifiers
– Priority flow control with up to 2KB packet size
– Four CPU hardware interrupt pacing
– IP/ UDP/ TCP checksum offload in hardware
– Time Sensitive Network (TSN) Support
– Cut-thru switching and Interexpress Traffic
(IET) support
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM261...ZEJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM261...ZEJ TI2-AM261...ZEJ Datasheet
7Mb / 218P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM261...ZEJ TI2-AM261...ZEJ Datasheet
7Mb / 218P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM261...ZEJQ1 TI2-AM261...ZEJQ1 Datasheet
7Mb / 218P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
AM261...ZEJQ1 TI2-AM261...ZEJQ1 Datasheet
7Mb / 218P
AM261x Sitara™ Microcontrollers
REVISED JULY 2025
More results

Similar Description - AM261...ZEJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2732 TI-AM2732_V01 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2634 TI-AM2634_V01 Datasheet
3Mb / 164P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com