Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 71 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 67Page - Texas Instruments AM261...ZEJ Datasheet HTML 68Page - Texas Instruments AM261...ZEJ Datasheet HTML 69Page - Texas Instruments AM261...ZEJ Datasheet HTML 70Page - Texas Instruments AM261...ZEJ Datasheet HTML 71Page - Texas Instruments AM261...ZEJ Datasheet HTML 72Page - Texas Instruments AM261...ZEJ Datasheet HTML 73Page - Texas Instruments AM261...ZEJ Datasheet HTML 74Page - Texas Instruments AM261...ZEJ Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 218 page
background image
5.3.17 Power Supply
Table 5-44. Power Supply Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
VDD
Power 1.2V/1.25V Core supply(1)
E11, E9, F11,
F9, G13, G14,
G5, G6, K13,
K14, K5, K6,
N13, N14, N5,
N6
F12, F14, F7,
F9, G15, G6,
J15, J6, M15,
M6, P15, P6,
R7
E11, E5, E7,
E9, F12, G5,
H12, J5, K12,
L5, M12, M6
E10, E12,
E14, E6, E8,
F15, F5, H15,
H5, K15, K5,
M15, M5,
P15, P5, R15,
R6, T6
VDDA18_LDO (4)
Power 1.8V Analog Output
R11, R6, R8
U10, U11
N9
U9
VDDA18_OSC_PLL
Power 1.8V PLL supply
U8
N6
U7
VDDA18_USB
Power USB 1.8V analog supply
R4
T5
N4
U3
VDDA33
Power 3.3V analog supply
P11, P7, P9
T12, T9
M10, M8
T10, T12
VDDA33_USB
Power USB 3.3V analog supply
R15
P5
M4
R3
VDDAR2
Power SRAM Array supply
D10
D13
D10
C11
VDDAR3
Power SRAM Array supply
H3
H4
G4
G3
VDDS18
Power 1.8V IO supply
D6, E15, L4,
N15
E14, E9, F4,
G16, L17, N4,
T16
D12, D6, D9,
E4, G13, K13,
K4, N13
D10, D14, D6,
H16, H4, L3,
M16, T16
VDDS18_LDO (2) (3)
Power 1.8V Digital LDO Output
T3
U6
P4
V4
VDDS1833_FLASH0
Power 1.8V/3.3V Flash 0 IO Supply
J5
H4, J4
K4, M4
VDDS1833_FLASH1
Power 1.8V/3.3V Flash 1 IO Supply
P16
M13
P16
VDDS1833_FLASH0-SIP
Power
1.8V/3.3V SIP Flash Supply.
This must be shorted to
VDDSHV_D(VDDS1833_FLASH0)
on board. Will be used for Flash
supply in future Flash SIP packages.
F1, J1
VDDS33
Power 3.3V IO supply
D12, H15, H4,
L15, P4, R15
E12, E16, E7,
G5, J16, M16,
M5, T14, T7
D11, D4, D7,
F13, J13, L4,
N12, N5
C15, D12, D8,
F16, F4, K16,
P4, T14, U5
VDD_TEMP
Power VDD Temp
T4
V7
N8
T8
VNWA
Power 1.2V/1.25V N-well bias(1)
J16
K17
H13
J17
VPP
Power eFuse ROM programming supply
N3
P3
K3
N3
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com