Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 94 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 90Page - Texas Instruments AM261...ZEJ Datasheet HTML 91Page - Texas Instruments AM261...ZEJ Datasheet HTML 92Page - Texas Instruments AM261...ZEJ Datasheet HTML 93Page - Texas Instruments AM261...ZEJ Datasheet HTML 94Page - Texas Instruments AM261...ZEJ Datasheet HTML 95Page - Texas Instruments AM261...ZEJ Datasheet HTML 96Page - Texas Instruments AM261...ZEJ Datasheet HTML 97Page - Texas Instruments AM261...ZEJ Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 218 page
background image
6.8.4 Digital-to-Analog Converter (DAC)
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-up time
1
µs
DAC_VREF
1.71
1.8
1.89
V
Voltage output range
0.3
VDDA33(1) – 0.3
V
Trimmed offset error
Offset is checked at Midpoint (code 2048)
–10
10
mV
Gain error
DAC_VREF = 1.8V
–2.5
2.5 % of FSR
DNL
Endpoint corrected
–1
1
LSB
INL
Endpoint corrected
–20
20
LSB
Settling time
Settling to 2 LSBs (~1.6mV) after 0.3V-to-3V
transition
2
µs
Resolution
12
bits
Capacitive load
Output drive capability
100
pF
Resistive load
Output drive capability
5
kΩ
DAC_VREF loading
DAC_VREF
64
kΩ
Output noise (100Hz-100KHz)
Integrated noise from 100Hz to 100kHz
1
mVrms
SNR @ 1KHz
2MHz DACVALA update rate, 200kHz output
filter
60
dB
Power supply (VDDA33)
3.13
3.3
3.46
V
Power supply (VDDA18)
1.71
1.8
1.89
V
Power Consumption (VDDA33)
850
µA
Power Consumption (VDDA18)
35
µA
(1)
VDDA33 is the voltage on the corresponding power-supply pin(s) on the IC.
6.8.5 Power Management Unit (PMU)
over operating junction temperature range (unless otherwise noted)
GROUP
PARAMETER
MIN
TYP
MAX
UNIT
PMU
Power supply (VDDA33)
3.1
3.3
3.46
V
Bandgap
VREF trimmed
0.886
0.9
0.914
V
1.8V LDO
DC accuracy
1.764
1.8
1.836
V
Transient load regulation
1.71
1.8
1.89
V
DC Load regulation
5
mV
Load current
0
100
mA
Power up time
800
uS
Inrush current
300
mA
External decoupling capacitance
–20%
4.7
20%
uF
ADC Reference
Load Regulation
±1
mV
DC accuracy
1.764
1.8
1.836
V
Power up time
800
uS
Inrush current
80
mA
External decoupling capacitance
–20%
4.7
20%
uF
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
94
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com