Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 85 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 81Page - Texas Instruments AM261...ZEJ Datasheet HTML 82Page - Texas Instruments AM261...ZEJ Datasheet HTML 83Page - Texas Instruments AM261...ZEJ Datasheet HTML 84Page - Texas Instruments AM261...ZEJ Datasheet HTML 85Page - Texas Instruments AM261...ZEJ Datasheet HTML 86Page - Texas Instruments AM261...ZEJ Datasheet HTML 87Page - Texas Instruments AM261...ZEJ Datasheet HTML 88Page - Texas Instruments AM261...ZEJ Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 218 page
background image
6.2 Electrostatic Discharge (ESD) Extended Automotive Ratings
over recommended operating conditions (unless otherwise noted)
VALUE
UNIT
324-ball ZCZ-Q1 Package
V(ESD)
Electrostatic
Discharge
(ESD)
Human body model (HBM), per AEC-Q100-002(1)
±2000
V
Charged device model (CDM), per AEC-
Q100-011
All pins
±500
Corner balls on 324-ball
ZCZ:
A1, A18, V1, V18
±750
256-ball ZEJ-Q1 Package
V(ESD)
Electrostatic
Discharge
(ESD)
Human body model (HBM), per AEC-
Q100-002(1)
Human body model
(HBM), per AEC-
Q100-002(1)
±2000
V
Charged device model (CDM), per AEC-
Q100-011
All pins
±500
Corner balls on 256-ball
ZCZ:
A1, A16, T1, T16
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification
6.3 Electrostatic Discharge (ESD) Industrial Ratings
over recommended operating conditions (unless otherwise noted)
VALUE
UNIT
324-ball ZCZ Package
V(ESD)
Electrostatic
Discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
304-ball ZFG package
V(ESD)
Electrostatic
Discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
256-Ball ZEJ package
V(ESD)
Electrostatic
Discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
293-ball ZNC package
V(ESD)
Electrostatic
Discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.4 Power-On Hours (POH) Summary
over recommended operating conditions (unless otherwise noted)(1) (2) (3)
Parameter
EXTENDED INDUSTRIAL
EXTENDED AUTOMOTIVE
Operating Junction Temperature (Tj)
–40
℃ to 125℃
–40
℃ to 150℃
POH @ Temp Profile
R5F = 400MHz(5)
(6)
100K @ 105
℃ (100% @ 105℃)
25K @ 125
℃ (100% @ 125℃)
20K @ Automotive Temp Profile(4)
R5F = 500MHz
(Default)
55K @ 105
℃ (100% @ 105℃)
15K @ 125
℃ (100% @ 125℃)
20K @ Automotive Temp Profile(4)
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com