Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 213 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 213 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 209Page - Texas Instruments AM261...ZEJ Datasheet HTML 210Page - Texas Instruments AM261...ZEJ Datasheet HTML 211Page - Texas Instruments AM261...ZEJ Datasheet HTML 212Page - Texas Instruments AM261...ZEJ Datasheet HTML 213Page - Texas Instruments AM261...ZEJ Datasheet HTML 214Page - Texas Instruments AM261...ZEJ Datasheet HTML 215Page - Texas Instruments AM261...ZEJ Datasheet HTML 216Page - Texas Instruments AM261...ZEJ Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 218 page
background image
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints. Refer to Texas Instruments
Literature number SNVA009 (www.ti.com/lit/snva009).
EXAMPLE BOARD LAYOUT
4226964/B 01/2022
www.ti.com
NFBGA - 1.4 mm max height
ZEJ0256A
PLASTIC BALL GRID ARRAY
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE: 8X
SOLDER MASK DETAILS
NOT TO SCALE
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
0.05 MAX
ALL AROUND
SOLDER MASK
OPENING
EXPOSED
METAL
(Ø 0.40)
METAL
0.05 MIN
ALL AROUND
EXPOSED
METAL
METAL UNDER
SOLDER MASK
(Ø 0.40)
SOLDER MASK
OPENING
(0.8) TYP
(0.8) TYP
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1
2
3
4
5
6
7
8
9
10
12 13
11
14 15 16
R
T
256X (Ø 0.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com