Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZEJ Datasheet(PDF) 106 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 102Page - Texas Instruments AM261...ZEJ Datasheet HTML 103Page - Texas Instruments AM261...ZEJ Datasheet HTML 104Page - Texas Instruments AM261...ZEJ Datasheet HTML 105Page - Texas Instruments AM261...ZEJ Datasheet HTML 106Page - Texas Instruments AM261...ZEJ Datasheet HTML 107Page - Texas Instruments AM261...ZEJ Datasheet HTML 108Page - Texas Instruments AM261...ZEJ Datasheet HTML 109Page - Texas Instruments AM261...ZEJ Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 218 page
background image
6.11.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding subsections within the device specific TRM.
6.11.3.1 System Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.5
2
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
3
30
pF
6.11.3.2 Reset Timing
Tables and figures provided in this section define timing requirements and switching characteristics for reset
related signals.
6.11.3.2.1 PORz Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RST1
th(SUPPLIES_VALID-
PORz)
Hold time, PORz active (low) at
Power-up after supplies valid (using
external crystal)
0
ns
RST3
tw(PORzL)
Pulse Width minimum, PORz low
after Power-up (without removal of
Power or system reference clock
XTAL_XI/XO)
1000
ns
PORz
RST1
RST3
ALL SUPPLIES
VALID
Figure 6-4. PORz Timing Requirements
6.11.3.2.2 WARMRSTn Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RST4
td(PORzL:-
WARMRSTnZ)
Delay time, PORz active (low) to WARMRSTn
high impedance
0
0
ns
RST5
td(PORzH-
WARMRSTnL)
Delay time, PORz inactive (high) to
WARMRSTn active (low)
0
0
ns
RST6
td(PORzH-
WARMRSTnH)
Delay time, PORz inactive (high) to
WARMRSTn inactive (high)
2000000
6000000
ns
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
106
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com