Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 153 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 153 Page - ABB

Back Button OPS2 Datasheet HTML 149Page - ABB OPS2 Datasheet HTML 150Page - ABB OPS2 Datasheet HTML 151Page - ABB OPS2 Datasheet HTML 152Page - ABB OPS2 Datasheet HTML 153Page - ABB OPS2 Datasheet HTML 154Page - ABB OPS2 Datasheet HTML 155Page - ABB OPS2 Datasheet HTML 156Page - ABB OPS2 Datasheet HTML 157Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 192 page
background image
Symbols
AC
AC/DC
Motorized switch-disconnectors
OTM160...4000
Type key
Understanding the type code keys below will help you quickly identify the correct
product for your needs.
Symbols
Front operated, base
mounting, IEC
Symbols
Motor operated
ABB switch-disconnector brand
ABB Brand
E
Number of poles and placing of the operating
mechanism
Code for motor voltage in motor operated switches
Construction 1
Symbols
2-poles, motor operator at the
left end of the switch
3-poles, motor operator at the
left end of the switch
4-poles, motor operator at the
left end of the switch
Operation/Mounting/Certification
OT
OTM 400
W
03
03
02
M
C
V
04
E
ABB motorized switch-disconnector brand
OTM
Switch size
The second letter in the code indicates
the ampere rating [A] of the product:
160…4000 A
230V
C
Motor voltage Ue = 110...240 V AC/DC
Motor voltage type
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
153
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com