Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 155 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 155 Page - ABB

Back Button OPS2 Datasheet HTML 151Page - ABB OPS2 Datasheet HTML 152Page - ABB OPS2 Datasheet HTML 153Page - ABB OPS2 Datasheet HTML 154Page - ABB OPS2 Datasheet HTML 155Page - ABB OPS2 Datasheet HTML 156Page - ABB OPS2 Datasheet HTML 157Page - ABB OPS2 Datasheet HTML 158Page - ABB OPS2 Datasheet HTML 159Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 192 page
background image
—
Motorized switch-disconnectors, IEC
Technical data
Technical data according to IEC 60947-3
Switch type
OTM160E
OTM200E
OTM250E
OTM315E
OTM400E
OTM630E
OTM800E
Rated insulation voltage and rated
operational voltage AC-20, DC-20
Pollution degree 3
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
Dielectric strength
50 Hz 1 min.
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
Rated impulse withstand voltage
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
Rated thermal current and rated
operational current AC-20, DC-20
In open air
200 A
200 A
250 A
315 A
400 A
630 A
800 A
in ambient 40 °C (4)
In enclosure
160 A
200 A
250 A
315 A
400 A
630 A
800 A
...with minimum cable cross section
Cu
70 mm²
95 mm²
120 mm²
185 mm²
240 mm²
2x185 mm²
2x240 mm²
Rated operational current, AC-21A
≤ 500 V
200 A
200 A
250 A
315 A
400 A
630 A
800 A
690 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
1000 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
Rated operational current, AC-22A
≤ 500 V
200 A
200 A
250 A
315 A
400 A
630 A
800 A
690 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
1000 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
Rated operational current, AC-23A
≤ 500 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
690 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
1000 V
135 A
135 A
135 A
200 A
200 A
400 A
400 A
Rated operational current /
poles in series, DC-21A 1)
24...110 V
160 A/2
200 A/2
250 A/2
315 A/1 2)
400 A/1 2)
630 A/1
800 A/1
220 V
160 A/2
200 A/2
250 A/2
315 A/2 2)
400 A/2 2)
630 A/1
800 A/1
440 V
160 A/3
200 A/3
250 A/3
315 A/3
360 A/3
630 A/2
800 A/2
660 V
160 A/4
200 A/4
230 A/4 2)
315 A/4
360 A/4
630 A/4 2)
650 A/4 2)
Rated operational power, AC-23
(These values are given for guidance
and may vary acc. to the motor
manufacturer)
230 V
48 kW
60 kW
75 kW
100 kW
132 kW
200 kW
250 kW
400 V
80 kW
110 kW
140 kW
160 kW
220 kW
355 kW
450 kW
415 V
88 kW
110 kW
145 kW
180 kW
230 kW
355 kW
450 kW
500 V
112 kW
132 kW
170 kW
220 kW
280 kW
400 kW
560 kW
690 V
144 kW
200 kW
250 kW
315 kW
400 kW
630 kW
800 kW
Rated breaking capacity
in category AC-23
≤ 500 V
1 280 A
1 600 A
2 000 A
2 520 A
3 200 A
5 040 A
6 400 A
690 V
1 280 A
1 600 A
2 000 A
2 520 A
3 200 A
5 040 A
6 400 A
Rated conditional short-circuit current Iq
(r.m.s.) and corresponding max. allowed
cut-off current Îc of fuse. The cut-off
current Îc referes to values listed by fuse
manufacturers (single phase test acc. To
IEC60269)
Iq100kA, 500V
Max. OFA_fuse size
Îc
40.5 kA
40.5 kA
40.5 kA
61.5 kA
61.5 kA
90 kA
90 kA
gG/aM
315 A/315 A 315 A/315 A 315 A/315 A 500 A/450 A 500 A/450 A 800 A/1 000 A 800 A/1 000 A
Iq 80kA, 690V
Max. OFA_fuse size
Îc
40.5 kA
40.5 kA
40.5 kA
59 kA
59 kA
83.5 kA
83.5 kA
gG/aM
355 A/315 A 355 A/315 A 355 A/315 A 500 A/500 A 500 A/500 A 800 A/1 000 A 800 A/1 000 A
Rated short-time withstand current
r.m.s. value Icw
≤ 1000 V 0.15 s 15 kA
15 kA
15 kA
31 kA
31 kA
38 kA
38 kA
≤ 1000 V 0.25 s 15 kA
15 kA
15 kA
24 kA
24 kA
36 kA
36 kA
≤ 1000 V 1 s
8 kA
8 kA
8 kA
15 kA
15 kA
20 kA
20 kA
Rated short-circuit making capacity
Peak value Icm
≤ 1000 V
30 kA
30 kA
30 kA
65 kA
65 kA
80 kA
80 kA
Rated capacitor power when
no initial charge on the capacitor
The capacitor
ratings are limited
by the fuse links
415 V
80 kVAr
100 kVAr
115 kVAr
145 kVAr
180 kVAr
250 kVAr
310 kVAr
500 V
96 kVAr
120 kVAr
135 kVAr
175 kVAr
215 kVAr
300 kVAr
375 kVAr
690 V
128 kVAr
160 kVAr
190 kVAr
250 kVAr
325 kVAr
450 kVAr
550 kVAr
Power loss / pole
With rated current
3.2 W
4 W
6.5 W
6.5 W
10 W
25 W
40 W
Mechanical endurance
Divide by two for
oper. cycles
20 000 Oper. 20 000 Oper. 20 000 Oper. 16 000 Oper. 16 000 Oper. 10 000 Oper. 10 000 Oper.
Weight without accessories
3-pole switch
5.08 kg
5.08 kg
5.08 kg
7.6 kg
7.6 kg
13.6 kg
13.6 kg
Terminal bolt size
Metric thread
diameter x length
M8x25 mm
M8x25 mm
M8x25 mm
M10x30 mm M10x30 mm M12x40 mm
M12x40 mm
Terminal tightening torque
Counter torque
required
15-22 Nm
15-22 Nm
15-22 Nm
30-44 Nm
30-44 Nm
50-75 Nm
50-75 Nm
Operating torque
3-pole switch
disconnector
7 Nm
7 Nm
7 Nm
16 Nm
16 Nm
27 Nm
27 Nm
1)
Further ratings on request.
2)
Category B.
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
155
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com