Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 127 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 127 Page - ABB

Back Button OPS2 Datasheet HTML 123Page - ABB OPS2 Datasheet HTML 124Page - ABB OPS2 Datasheet HTML 125Page - ABB OPS2 Datasheet HTML 126Page - ABB OPS2 Datasheet HTML 127Page - ABB OPS2 Datasheet HTML 128Page - ABB OPS2 Datasheet HTML 129Page - ABB OPS2 Datasheet HTML 130Page - ABB OPS2 Datasheet HTML 131Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 192 page
background image
Accessories for manual switch-disconnectors OT160...4000
Ordering information for shafts
Shafts for pistol handles
For switches
Shaft
length
Mounting
depth H
Type
Order code
Weight/
unit
mm
mm
kg
Shaft diameter 6 mm
OT160EV...250E, OT200U 1)
130
109...174 OXP6X130
1SCA022057R0570
0.04
150
129...194 OXP6X150
1SCA022295R5600
0.05
161
140...205 OXP6X161
1SCA022067R1760
0.05
210
189...254 OXP6X210
1SCA022295R6080
0.06
290
269...334 OXP6X290
1SCA022042R6370
0.08
Shaft diameter 12 mm
OT315...400E,
OT400U
166
146...226 OXP12X166
1SCA022325R7100
0.20
185
165...245 OXP12X185
1SCA022325R6710
0.20
250
230...310 OXP12X250
1SCA022325R6980
0.28
280
260...340 OXP12X280
1SCA022137R5140
0.30
325
305...385 OXP12X325
1SCA022042R5810
0.36
395
375...455 OXP12X395
1SCA022042R5990
0.43
465
445...525 OXP12X465
1SCA022042R6020
0.51
535
515...595 OXP12X535
1SCA022042R6110
0.59
Shaft diameter 12 mm
OT630...800E,
OT600U
185
165...245 OXP12X185
1SCA022325R6710
0.20
250
230...345 OXP12X250
1SCA022325R6980
0.28
280
260...375 OXP12X280
1SCA022137R5140
0.30
325
305...420 OXP12X325
1SCA022042R5810
0.36
395
375...490 OXP12X395
1SCA022042R5990
0.43
465
445...560 OXP12X465
1SCA022042R6020
0.51
535
515...630 OXP12X535
1SCA022042R6110
0.59
Shaft diameter 12 mm
OT1000...2500E, OT800...1200U 1)
250
221...350 OXP12X250
1SCA022325R6980
0.28
280
251...380 OXP12X280
1SCA022137R5140
0.30
325
296...425 OXP12X325
1SCA022042R5810
0.36
395
366...495 OXP12X395
1SCA022042R5990
0.43
465
436...565 OXP12X465
1SCA022042R6020
0.51
535
506...635 OXP12X535
1SCA022042R6110
0.59
Shaft diameter 12 mm
OT3200...4000E, OT1600...200U
280
251...380 OXP12X280
1SCA022137R5140
0.30
325
296...425 OXP12X325
1SCA022042R5810
0.36
395
366...495 OXP12X395
1SCA022042R5990
0.43
465
436...565 OXP12X465
1SCA022042R6020
0.51
535
506...635 OXP12X535
1SCA022042R6110
0.59
1)
Longer shafts on request
1)
Wide versions OT1000-2500W_: with shafts over 280 mm, shaft tube OXT20X210X must be used, see page 129.
OXP6X_
H
OXP_X_
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
127
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com