Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 129 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 129 Page - ABB

Back Button OPS2 Datasheet HTML 125Page - ABB OPS2 Datasheet HTML 126Page - ABB OPS2 Datasheet HTML 127Page - ABB OPS2 Datasheet HTML 128Page - ABB OPS2 Datasheet HTML 129Page - ABB OPS2 Datasheet HTML 130Page - ABB OPS2 Datasheet HTML 131Page - ABB OPS2 Datasheet HTML 132Page - ABB OPS2 Datasheet HTML 133Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 192 page
background image
Shaft alignment ring
Improves the alignment between handle and shaft.
Suitable for handle
Colour
Type
Order code
Weight/
unit
kg
For pistol handles
OH_65...275J6...12
Black
OHZX10
1SCA022661R3610
0.23
Extension ring for pistol handles
Improves the handle operation by increasing the distance between the operating handle and
the panel.
Suitable for handle
Colour
Type
Order code
Weight/
unit
kg
OHB_
Black
OHZX14
1SCA022851R6590
0.06
Shaft support for long shafts
Supporting 12 mm shafts longer than 280 mm.
Suitable for switches
Type
Order code
Weight/
unit
kg
OT1000…4000
OXT20X210X
1SCA103684R1001
1.50
Accessories for manual switch-disconnectors OT160...4000
Ordering information for shaft accessories
OHZX10
OXT20X210X
OHZX14
Overturn protection
The accessory package contains locking features that restrict operation more than 90 degree.
Suitable for shafts
Type
Order code
Weight/
unit
kg
OXP12X_
OHZX19
1SCA157090R1001
0.25
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
129
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com