Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 15 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 15 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
www.geehy.com
Page 14
4.5.1.
Clock tree
Figure 5 Clock tree of APM32F003x4x6 series
HXT OSC
1-24MHz
LIRC
128KHz
HIRC RC
48MHz
HIRCDIV[2]
/1,3
HIRCDIV[1:0]
/1,2,4,8
CSS
IWDTCLK
WUPT
HXT clock
HIRC
HXT
LIRC
fMASTER
fCPU
/1,2,4,8,16
,32,64
HIRCDIV
Peripheral
clock
CCO
CPU
prescale
fCPU
OSC_OUT
OSC_IN
fMASTER
MCC[7:0]
Note: the counter of WUPT is not provided by fMASTER, so even if the clock of the
register has been turned off, the peripheral can continue to run.
Power management
4.6.1.
Power supply scheme
Table 5 Power supply scheme
Name
Abbreviation of name
Voltage range
Main power supply
VDD/VSS
2.4~5.5V
The VDD/VSS pin can supply power to the internal main voltage regulator (MVR)
and the internal low power voltage regulator (LPVR), and the outputs of these
two regulators together provide 1.5V power supply to the core, Flash and
SRAM.
4.6.2.
Power supply monitor
Two circuits of power-on reset (POR) and power-down reset (PDR), are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com