Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 29 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 29 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
www.geehy.com
Page 28
Symbol
Parameter
Condition
Typ
Max
Unit
mode to run
mode
MVR off
Flash
running
HIRC
after
wake-up
53.13
55
tWU(H)
Wake-up time
from shutdown
to operation
Flash running mode
55.21
-
Power-on/power-down reset characteristic test
Table 26 Power-on/power-down reset working conditions (TA=25℃)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tTEMP
Reset release delay
VDD rising
0.58
0.79
0.92
ms
VIT+
Power-on reset threshold
-
1.79
2.00
2.10
V
VIT-
Power failure reset
threshold
-
1.70
1.73
1.76
V
VHYS(BOR)
BOR hysteresis
-
-
100
-
mV
Power consumption
The current consumption of MCU is affected by many parameters, such as
voltage, temperature, IO status, program location in memory, software
configuration, frequency and so on. The current values given in this section are
measured by executing CRC algorithm, compiling environment Keil V5 and
compiling optimization level L0.
The microcontroller is under the following conditions:
⚫
All I/O pins are in input mode and connected to a static level VDD or VSS
(non-loaded).
⚫
Unless otherwise specified, all peripherals are turned off.
⚫
Unless otherwise specified, typical values are measured at 25℃, 3.3V or
5V.
⚫
Unless otherwise specified, the maximum values are measured at 105℃
and 5.5V power supply.
Table 27 Typical operating mode power consumption
Symbol
Parameter
Condition
Voltage(TA=25℃)
Unit
3.3V
5V
IDD
HXT=24MHz,FCPU=24MHz
2.5
3.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com