Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 49 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 49 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
www.geehy.com
Page 48
8.
Ordering Information
APM32
F
003
F
6
P
6
XXX
Product series
APM32=Arm-based 32-bit MCU
Product type
F=Foundation
Product subseries
003=Entry-level
Number of pins
F = 20 pins
Flash memory capacity
4 = 16 Kbytes
6 = 32 Kbytes
Package
U = QFN
M=SOP
P=TSSOP
Temperature range
6 = -40 ~85
7 = -40 ~105
Option
XXX=Programmed device code
R=Reel package
Blank=Tray package
T=Tube package
Table 52 Order information list
Order code
Flash(KB)
SRAM(KB)
Packaging
SPQ
Temperature range
APM32F003F4P6-T
16
2
TSSOP20
14720
Industrial grade -40℃~85℃
APM32F003F6P6-T
32
4
TSSOP20
14720
Industrial grade -40℃~85℃
APM32F003F4P6-R
16
2
TSSOP 20
9000
Industrial grade -40℃~85℃
APM32F003F4U6
16
2
QFN20
6240
Industrial grade -40℃~85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com