Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 31 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 31 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
www.geehy.com
Page 30
Symbol
Parameter
Condition
Voltage (TA=105℃)
Unit
3.3V
5V
5.5V
running
mode in
Flash
HIRC=48MHz,FCPU=48MHz
5.47
5.62
5.64
HIRC=48MHz,FCPU=24MHz
4.35
4.47
4.50
HIRC=48MHz,FCPU=375KHz
1.14
1.25
1.28
HIRC=48MHz,FCPU=46.875KHz
0.63
0.73
0.77
HIRC=16MHz,FCPU=16MHz
2.85
2.86
2.96
HIRC=16MHz,FCPU=125KHz
0.75
0.75
0.85
HIRC=16MHz,FCPU=15.625KHz
0.58
0.58
0.68
LIRC=128KHz,FCPU=128KHz
0.44
0.55
0.58
Table 29 Typical power consumption in WAIT mode
Symbol
Parameter
Condition
Voltage (TA=25℃)
Unit
3.3V
5V
IDD
Supply current
in WAIT mode
HXT=24MHz,FCPU=24MHz
1.5
2.04
mA
HXT=16MHz,FCPU=16MHz
1.32
1.9
HIRC=48MHz,FCPU=48MHz
1.2
1.2
HIRC=48MHz,FCPU=24MHz
1.1
1.1
HIRC=48MHz,FCPU=375KHz
0.93
0.93
HIRC=48MHz,FCPU=46.875KHz
0.51
0.51
HIRC=16MHz,FCPU=16MHz
0.68
0.69
HIRC=16MHz,FCPU=125KHz
0.60
0.61
HIRC=16MHz,FCPU=15.625MHz
0.46
0.47
LIRC=128KHz,FCPU=128KHz
0.33
0.33
Table 30 Maximum power consumption in WAIT mode
Symbol
Parameter
Condition
Voltage (TA=105℃)
Unit
3.3V
5V
5.5V
IDD
Supply
current in
WAIT
mode
HXT=24MHz,FCPU=24MHz
1.55
2.10
2.40
mA
HXT=16MHz,FCPU=16MHz
1.39
1.95
2.21
HIRC=48MHz,FCPU=48MHz
1.36
1.36
1.45
HIRC=48MHz,FCPU=24MHz
1.27
1.27
1.37
HIRC=48MHz,FCPU=375KHz
1.09
1.09
1.18
HIRC=48MHz,FCPU=46.875KHz
0.62
0.63
0.71
HIRC=16MHz,FCPU=16MHz
0.82
0.83
0.90
HIRC=16MHz,FCPU=125KHz
0.73
0.73
0.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com