Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 34 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 34 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
www.geehy.com
Page 33
Table 37 Output drive current (true open drain port)
Symbol
Parameter
Condition
Max
Unit
VOL
Output low level
IIO=10mA,VDD=5.0V
0.8
V
Output low level
IIO=10mA,VDD=3.3V
0.7
Output low level
IIO=20mA,VDD=5.0V
1.2
V
Table 38 Output drive current (high sink current port)
Symbol
Parameter
Condition
Min
Max
Unit
VOL
Output low level
IIO=10mA,VDD=5.0V
-
0.4
Output low level
IIO=10mA,VDD=3.3V
-
0.6
V
Output low level
IIO=20mA,VDD=5.0V
-
0.9
VOH
Output high level
IIO=10mA,VDD=5.0V
4.4
-
V
Output high level
IIO=10mA,VDD=3.3V
2.5
-
Output high level
IIO=20mA,VDD=5.0V
3.8
-
NRST pin characteristics
The NRST pin input drive adopts CMOS process, which is connected with a
permanent pull-up resistor RPU.
Table 39 NRST pin characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL(NRST)
NRST input low voltage
-
-0.3V
-
0.3xVDD
V
VIH(NRST)
NRST input high voltage
-
0.7xVDD
-
VDD+0.3
VOL(NRST)
NRST outputs a low voltage
IOL=2mA
-
-
0.5
V
Vhys(NRST)
NRST Schmitt trigger
Voltage hysteresis
-
-
600
-
mV
RPU
pull up resistor
-
30
60
80
kΩ
VF(NRST)
NRST input filter pulse
-
-
-
75
ns
VNF(NRST)
NRST input unfiltered pulse
-
500
-
-
ns
tOP(NRST)
Output pulse width of NRST
-
20
-
-
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com