Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 39 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 39 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
www.geehy.com
Page 38
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tS
Sampling time
fADC=14MHz
-
0.107
-
μs
TCONV
Sampling and conversion time
fADC=14MHz
-
1
-
μs
Figure 12 Typical application of ADC
RAIN
CADC
VADC
RADC
SAR
CAIN
Note: Users can choose whether to increase parasitic capacitance based on
their actual application(Capacitance value to be selected as needed).
The formula for calculating the maximum external input impedance is as
follows:
Formula 1: formula of maximum RAIN
RAIN<
������������
������������������������ X ln(2������+2)
-RADC
Table 43 12-bit ADC accuracy
Symbol
Parameter
Condition
Typ
Max
Unit
|ET|
Total uncorrected error
3.3V~5V
6.5
-
LSB
|EO|
offset error
3.3V~5V
2
-
|EG|
Gain error
3.3V~5V
4.5
-
|ED|
Differential linear error
3.3V~5V
1.5
-
|EL|
Integral linearity error
3.3V~5V
2.8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com