Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 33 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 33 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
www.geehy.com
Page 32
Table 34 Maximum power consumption in shutdown mode
Symbol
Parameter
Condition
Voltage (TA=105℃)
Unit
3.3V
5V
5.5V
IDD
Supply
current in
halt mode
Running mode of Flash,
HIRC as clock source after wake up
30.65
32.39
33.77
µA
Flash power-down mode,
HIRC as clock source after wake up
24.70
26.72
27.44
Table 35 Typical value of peripheral power consumption (VDD=5V,TA=25℃)
Symbol
Parameter
16MHz
48MHz
Unit
IDD(TMR1)
TMR1 supply current
98
300
µA
IDD(TMR1A)
TMR1A supply current
58
170
IDD(TMR2)
TMR2 supply current
56
168
IDD(TMR4)
TMR4 timer supply current
15
46
IDD(USART1)
USART1 supply current
56
168
IDD(USART2)
USART2 supply current
100
310
IDD(USART3)
USART3 supply current
55
170
IDD(SPI)
SPI supply current
23
68
IDD(I2C)
I2C supply current
37
110
IDD(ADC1)
Supply current during ADC1 conversion
290
680
I/O port characteristics
Table 36 I/O static characteristics and AC characteristics (VDD=2.4~5.5V, TA=-40~105°C)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
Input low level
voltage
VDD=5V
-0.3
-
0.3xVDD
V
VIH
Input high level
voltage
0.7xVDD
-
VDD+0.3
Vhys
Voltage
hysteresis
-
700
-
mV
Rpu
pull up resistor
VDD=5V,VIN=VSS
55
63
66
kΩ
tR,tF
Rise and fall
time (10%-90%)
Fast I/O port with
load capacitance of
50pF
-
-
17
nS
Standard and high
sinkI/O port, load
capacitance 50pF
-
-
17
Ilkg
Digital input
leakage current
VSS≤VIN≤VDD
-
-
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com