Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 28 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 28 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
www.geehy.com
Page 27
Low speed internal (LIRC) oscillator test
Table 24 LIRC oscillator characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fLIRC
Frequency
-
128
-
KHz
ACCLIRC
Accuracy of oscillator
(VDD=3.3-5V,-40°C≤TA≤105°C)
-5
-
5
%
tSU(LIRC)
Startup time of LIRC oscillator
-
-
5
μs
IDD(LIRC)
LIRC oscillator power consumption
-
5
-
μA
Time to wake up from low power mode
HIRC is used as the clock source for wake-up.
Table 25 Wake-up time in low power mode
Symbol
Parameter
Condition
Typ
Max
Unit
tWU(WFI)
Wake-up time
from waiting to
running
fCPU=fMASTER=48MHz
0.61
-
us
fCPU=fMASTER=24MHz
1.17
-
fCPU=fMASTER=12MHz
2.36
-
fCPU=fMASTER=6MHz
4.67
-
tWU(AH)
Wake-up time
from active
shutdown
MVR on
Flash
running
HIRC
after
wake-up
5.52
8.36
ACCHIRC
Accuracy of
HIRC
oscillator
User
calibration
Given VDD and
TA, the user
uses the
CLK_HIRCTRI
MR register
for calibration.
-1
-
1
%
Factory
calibration
VDD=3.3-5V,
-
40°C≤TA≤105°
C
-5
-
5
%
tSU(HIRC)
HIRC
oscillator
start-up time
(including
calibration)
-
-
-
0.8
μs
IDD(HIRC)
HIRC
oscillator
power
consumption
-
-
120
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com