Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 16 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 16 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
www.geehy.com
Page 15
integrated inside the product. The two circuits are always in working state,
ensuring the normal operation of the system when the power supply exceeds
2V. When the power supply voltage is monitored to be lower than the specified
threshold value VPOR/PDR, the system keeps the reset state without an external
reset circuit.
See 8. Electrical Characteristics for details of VPOR/PDR.
Low power consumption mode
The product supports three low power consumption modes: Wait mode, Halt
mode and Active Halt mode, which can be switched between these modes by
setting, as shown in the following table:
Table 6 Low power consumption mode
Mode type
description
Wait mode
‒
In the wait mode, the contents of all registers and RAM remain
unchanged, and the previously defined clock (master clock state
register CLK_CMSR) configuration also remains unchanged.
‒
When an internal or external interrupt request is generated, the CPU
wakes up from the wait mode and resumes working.
Halt mode
‒
In halt mode, the contents of all registers and RAM remain
unchanged, and the configuration of clock (master clock status
register CLK_CMSR) remains unchanged by default.
‒
In this mode, in order to save power consumption, the main voltage
regulator is turned off, and only the low voltage regulator (and
power-down reset) is in working state.
‒
HIRC starts up faster than HXT (see electrical characteristic
parameters in data manual). Therefore, in order to reduce the wake-
up time of MCU, it is recommended to select HIRC as the clock
source of fMASTER before entering pause mode.
Active halt mode
(Active halt) mode
‒
Active halt mode is similar to halt mode, but it does not require
external interrupt wake-up. It uses WUPT to generate an internal
wake-up event after a certain delay, and the delayed time can be
programmed by the user.
‒
In default status, the main voltage regulator is active and can wake
up quickly from active halt mode, but its current consumption cannot
be ignored.
‒
In active halt mode, fast wake-up can reduce the response time of
CPU and make the switching time between MCU running state and
low power consumption mode shortest.
General purpose input/output port (GPIO)
16 GPIO pins are embedded, which can switch between input (pull-up, floating),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com