Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P7-R Datasheet(PDF) 18 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P7-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P7-R Datasheet(HTML) 18 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P7-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F003F6P7-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
www.geehy.com
Page 17
or slave mode, supports 7-bit and 10-bit addressing, and allows connection to
standard (up to 100kHz) or fast (up to 400kHz) I2C bus. I2C can receive and
send data, convert serial data into parallel data when receiving, and convert
parallel data into serial data when sending.
I2C bus functions are as follows:
Table 8 I2C bus function
Name
description
I2C main function
Generate start and end clocks
I2C slave function
Programmable I2C address detection
Stop bit detection
I2C Other functions
General generation and detection of 7-bit /10-bit addressing
Support different communication rates:
Standard speed (up to 100KHz)
Fastest speed (up to 400KHz)
4.9.3.
Serial peripheral interface (SPI)
Embedded with an SPI interface, it allows the chip to communicate with external
devices in half/full duplex serial mode. It can be configured as master mode or
slave mode, with 8 bits per frame. Full-duplex and half-duplex communication
rates can support 8 Mbit/s. SPI interface has wake-up function.
Table 9 Characteristics of serial peripheral interface
Characteristics
description
Maximum speed
Master/slave 8Mbit/s(fMASTER/2)
Full duplex synchronous
transmission
Synchronous transmission is transmitted on two data lines with or
without bidirectional transmission
Master-slave operation with two
choices
Hardware or software
CRC calculation
-
Tx and Rx buffers
1 byte
Slave/master select input pin
-
Analog/digital converter (ADC)
ADC is a 12-bit successive comparison analog-to-digital converter, which can
provide 8 multifunctional external input channels and 1 internal channel.
channels AIN0~AIN7 come from IO channel, while channel AIN8 comes from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com