Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 45Page - STMicroelectronics STM32WB09TE Datasheet HTML 46Page - STMicroelectronics STM32WB09TE Datasheet HTML 47Page - STMicroelectronics STM32WB09TE Datasheet HTML 48Page - STMicroelectronics STM32WB09TE Datasheet HTML 49Page - STMicroelectronics STM32WB09TE Datasheet HTML 50Page - STMicroelectronics STM32WB09TE Datasheet HTML 51Page - STMicroelectronics STM32WB09TE Datasheet HTML 52Page - STMicroelectronics STM32WB09TE Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
2. XOTUNE programed at center code = 32
3. XOTUNE programed at maximum code = 63
6.3.10
Low speed crystal requirements
Low speed clock can be supplied with an external 32.768 kHz crystal oscillator. Requirements for the external
32.768 kHz crystal are reported in the table below.
Table 29. LSE crystal requirements
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
-
-
32.768
-
kHz
ESR
Equivalent series resistance
-
-
-
90
kΩ
PD
Drive level
-
-
-
0.1
µW
Gmcritmax
Maximum critical crystal gm
LSEDRIV[1:0] = 00
Low drive capability
-
-
0.50
µA/V
LSEDRIV[1:0] = 01
Medium low drive capability
-
-
0.75
LSEDRIV[1:0] = 10
Medium high drive capability
-
-
1.70
LSEDRIV[1:0] = 11
High drive capability
-
-
2.70
6.3.11
High speed ring oscillator characteristics
Table 30. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
-
-
64
-
MHz
6.3.12
Low speed ring oscillator characteristics
Table 31. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
VDD =3 .3 V
Ambient temperature
Typical corner
-
33
-
kHz
ΔFRO_ΔT/FRO
Frequency spread vs. temperature
Standard deviation
-
140
-
ppm/ºC
6.3.13
PLL characteristics
Characteristics measured over recommended operating conditions unless otherwise specified.
Table 32. PLL characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PNSYNTH
RF carrier phase noise
At ±1 MHz offset from carrier
(measured at 2.4 GHz)
-
-110
-
dBc/Hz
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 49/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com