Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 14Page - STMicroelectronics STM32WB09TE Datasheet HTML 15Page - STMicroelectronics STM32WB09TE Datasheet HTML 16Page - STMicroelectronics STM32WB09TE Datasheet HTML 17Page - STMicroelectronics STM32WB09TE Datasheet HTML 18Page - STMicroelectronics STM32WB09TE Datasheet HTML 19Page - STMicroelectronics STM32WB09TE Datasheet HTML 20Page - STMicroelectronics STM32WB09TE Datasheet HTML 21Page - STMicroelectronics STM32WB09TE Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
•
Flash controller: in parallel with the system clock, the flash controller uses an always 16 MHz clock to
generate specific delays required by the flash memory during programming and erase operations for
example
•
PKA: in parallel with the system clock, the PKA uses the system clock frequency
•
Radio: it does not directly use the system clock for its APB/AHB interfaces, but the system clock with a
potential divider (1 or 2 or 4). In parallel, the radio uses an always 16 MHz and an always 32 MHz for
modulator, demodulator and to have a fixed reference clock to manage specific delays
•
ADC: in parallel with the system clock, ADC uses a 64 MHz prescaled clock running at 16 MHz
3.12
General purpose inputs/outputs (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without
pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog
alternate functions. Fast I/O toggling can be achieved thanks to their mapping on the AHB0 bus.
The I/Os alternate function configuration can be locked if needed following a specific sequence in order to avoid
spurious writing to the I/Os registers.
3.13
Direct memory access (DMA)
The DMA is used in order to provide high-speed data transfer between peripherals and memory as well as
memory-to-memory. Data can be quickly moved by DMA without any CPU actions. In this manner, CPU resources
are free for other operations.
The DMA controller has eight channels in total. Each has an arbiter to handle the priority among DMA requests.
DMA main features are:
•
Eight independently configurable channels (requests)
•
Each of the eight channels is connected to dedicated hardware DMA requests, software trigger is also
supported on each channel. This configuration is done by software
•
Priorities among requests from channels of DMA are software programmable (four levels consisting of very
high, high, medium, low) or hardware in case of equality (request 1 has priority over request 2, and so on)
•
Independent source and destination transfer size (byte, half word, word), emulating packing and
unpacking. Source/destination addresses must be aligned on the data size
•
Support for circular buffer management
•
Three event flags (DMA half transfer, DMA transfer complete and DMA transfer error) logically ORed
together in a single interrupt request for each channel
•
Memory-to-memory transfer (RAM only)
•
Peripheral-to-memory and memory-to-peripheral, and peripheral-to-peripheral transfers
•
Access to SRAMs and APB1 peripherals as source and destination
•
Programmable number of data to be transferred: up to 65536
3.14
Nested vectored interrupt controller (NVIC)
The interrupts are handled by the Cortex®-M0+ nested vector interrupt controller (NVIC). NVIC controls specific
Cortex®-M0+ interrupts as well as the STM3WB09xE peripheral interrupts.
The NVIC benefits are the following:
•
Nested vectored interrupt controller that is an integral part of the Arm® Cortex®-M0+
•
Tightly coupled interrupt controller provides low interrupt latency
•
Control system exceptions and peripheral interrupts
•
NVIC supports 32 vectored interrupts
•
Four programmable interrupt priority levels with hardware priority level masking
•
Software interrupt generation using the Arm® exceptions SVCall and PendSV
•
Support for NMI
•
Arm® Cortex® M0+ vector table offset register VTOR implemented
NVIC hardware block provides flexible interrupt management features with minimal interrupt latency.
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 18/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com