Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 47Page - STMicroelectronics STM32WB09TE Datasheet HTML 48Page - STMicroelectronics STM32WB09TE Datasheet HTML 49Page - STMicroelectronics STM32WB09TE Datasheet HTML 50Page - STMicroelectronics STM32WB09TE Datasheet HTML 51Page - STMicroelectronics STM32WB09TE Datasheet HTML 52Page - STMicroelectronics STM32WB09TE Datasheet HTML 53Page - STMicroelectronics STM32WB09TE Datasheet HTML 54Page - STMicroelectronics STM32WB09TE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
6.3.16
I/O port characteristics
Unless otherwise specified, the parameters given in the tables below are derived from tests performed under the
conditions summarized in Table 13. All I/Os are designed as CMOS-compliant.
The characteristics below are guaranteed by characterization.
Table 36. I/O static characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
I/O input low level voltage
1.62 V < VDD < 3.6 V
-
-
0.3 x VDD
V
VIH
I/O input high level voltage
0.7 x VDD
-
-
Ilkg
Input leakage current
0 <= VIN <= Max(VDDx)(1)
-
-
+/-100
nA
Max(VDDx)(1) <= VIN <= Max(VDDx)(1) +1 V
-
-
650
Max(VDDx)(1) + 1 V < VIN <= 5.5 V
-
-
200
RPU
Pull-up resistor
VIN = GND
25
40
55
kΩ
RPD
Pull-down resistor
VIN = VDD
25
40
55
CIO
I/O pin capacitance
-
-
5
-
pF
1. Max(VDDx) is the maximum value among all the I/O supplies.
All I/Os are CMOS-compliant (no software configuration required).
GPIOs (general purpose input/outputs) can sink or source up to ±8 mA and sink or source up to ± 20 mA (with a
relaxed VOL / VOH).
In the user application, the number of I/O pins that can drive current must be limited to respect the absolute
maximum rating specified.
•
The sum of currents sourced by all I/Os on VDD, plus the maximum consumption of MCU sourced on VDD,
cannot exceed the absolute maximum rating ΣIVDD
•
The sum of currents sunk by all I/Os on VSS, plus the maximum consumption of the MCU sunk on GND,
cannot exceed the absolute maximum rating ΣIVGND
The characteristics below are guaranteed by characterization.
Table 37. Output voltage characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
VOL
Output low level voltage for I/O pin
CMOS port(1) |IIO| = 8 mA VDD ≥ 2.7 V
-
0.4
V
VOH
Output high level voltage for I/O pin
VDD -0.4
-
VOL
Output low level voltage for I/O pin
|IIO| = 20 mA VDD ≥ 2.7 V
-
1.3
VOH
Output high level voltage for I/O pin
VDD -1.3
-
VOL
Output low level voltage for I/O pin
|IIO| = 4 mA VDD ≥ 1.62 V
-
0.4
VOH
Output high level voltage for I/O pin
VDD-0.45
-
1. CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
6.3.17
RSTN pin characteristics
The RSTN pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Table 13.
The characteristics below are guaranteed by design.
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 51/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com