Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 29Page - STMicroelectronics STM32WB09TE Datasheet HTML 30Page - STMicroelectronics STM32WB09TE Datasheet HTML 31Page - STMicroelectronics STM32WB09TE Datasheet HTML 32Page - STMicroelectronics STM32WB09TE Datasheet HTML 33Page - STMicroelectronics STM32WB09TE Datasheet HTML 34Page - STMicroelectronics STM32WB09TE Datasheet HTML 35Page - STMicroelectronics STM32WB09TE Datasheet HTML 36Page - STMicroelectronics STM32WB09TE Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Table 9. Application circuit external components
Component
Description
C1
Decoupling capacitor
C2
Decoupling capacitor
C3
Decoupling capacitor
C4
Decoupling capacitor
C5
Decoupling capacitor
C6
Decoupling capacitor
C7
Main LDO capacitor
C8
DC – DC converter output capacitor
C9
DC – DC converter output capacitor
C10
DC block capacitor
C11
RF matching capacitor
C12
RF Matching capacitor
C13
RF Matching capacitor
C14
RF Matching capacitor
C15
32 kHz crystal loading capacitor
C16
32 kHz crystal loading capacitor
C17
Decoupling capacitor
L1
DC-DC converter output inductor
L2
DC-DC converter noise filter
L3
RF matching inductor
L4
RF matching inductor
X1
Low speed crystal
X2
High speed crystal
U1
STM3WB09xE
Note:
In order to make the board DC–DC OFF, the inductance L1 must be removed and the supply voltage must be
applied to the VFBSD pin.
STM32WB09xE
Application circuits
DS14210 - Rev 6
page 33/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com