Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 4Page - STMicroelectronics STM32WB09TE Datasheet HTML 5Page - STMicroelectronics STM32WB09TE Datasheet HTML 6Page - STMicroelectronics STM32WB09TE Datasheet HTML 7Page - STMicroelectronics STM32WB09TE Datasheet HTML 8Page - STMicroelectronics STM32WB09TE Datasheet HTML 9Page - STMicroelectronics STM32WB09TE Datasheet HTML 10Page - STMicroelectronics STM32WB09TE Datasheet HTML 11Page - STMicroelectronics STM32WB09TE Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Figure 2. Bus matrix
3.3
Memory protection unit (MPU)
The MPU is used to manage accesses to memory to prevent one task from accidentally corrupting the memory or
resources used by any other active task. This memory area is organized into up to 8 protected areas. The
protection area sizes are between 32 bytes and the whole 4 gigabytes of addressable memory.
The MPU is especially helpful for applications where some critical or certified code has to be protected against the
misbehavior of other tasks. It is usually managed by an RTOS (real-time operating system). If a program
accesses a memory location that is prohibited by the MPU, the RTOS can detect it and take action. In an RTOS
environment, the kernel can dynamically update the MPU area settings, based on the process to be executed.
The MPU is optional and can be bypassed for applications that do not need it.
3.4
Memories
3.4.1
Embedded flash memory
The flash controller implements the erase and program flash memory operation. The flash controller also
implements the read and write protection.
The flash memory features are:
•
Memory organization:
–
1 bank of 512 Kbytes
–
Page size: 2 Kbytes
–
Page number 256
•
32-bit wide data read
•
32-bit wide data write
•
Page erase and mass erase
The flash controller features are:
•
Flash memory read operations: single read or mass read
•
Flash memory write operations: single data write or 4x32-bits burst write or mass write
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 8/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com