Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 39Page - STMicroelectronics STM32WB09TE Datasheet HTML 40Page - STMicroelectronics STM32WB09TE Datasheet HTML 41Page - STMicroelectronics STM32WB09TE Datasheet HTML 42Page - STMicroelectronics STM32WB09TE Datasheet HTML 43Page - STMicroelectronics STM32WB09TE Datasheet HTML 44Page - STMicroelectronics STM32WB09TE Datasheet HTML 45Page - STMicroelectronics STM32WB09TE Datasheet HTML 46Page - STMicroelectronics STM32WB09TE Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
Table 19. Bluetooth® LE RF transmitter characteristics at 2 Mbit/s not coded
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
PBW1M
6 dB bandwidth for modulated
carrier
Using resolution bandwidth of 100 kHz
-
1140
-
kHz
PRF1, 2 Ms/s In-band emission at ±4 MHz(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-47
-
dBm
PRF2, 2 Ms/s In-band emission at±5 MHz(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-47
-
dBm
PRF3, 2 Ms/s
In-band emission at ±[6+n]MHz,
where n=0,1,2..(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-48
-
dBm
PSPUR
Spurious emission
Harmonics included. Using resolution
bandwidth of 1 MHz and average detector
-
-
-41
dBm
Freqdrift
Frequency drift(1)
Integration interval #n – integration interval
#0, where n=2,3,4..k
-50
-
+50
kHz
IFreqdrift
Initial carrier frequency drift(1)
Integration interval #1 – integration interval #0
-23
-
+23
kHz
IntFreqdrift
Intermediate carrier frequency
drift(1)
Integration interval #n – integration interval
#(n-5), where n=6,7,8..k
-20
-
+20
kHz
DriftRatemax Maximum drift rate(1)
Between any two 20-bit groups separated by
50 µs
-20
-
+20 kHz/50µs
ZRF1
Optimum RF load
(impedance at RF1 pin)
@ 2440 MHz
-
40
-
Ω
1. Tested according to Bluetooth® SIG radio frequency physical layer (RF PHY) test suite (not tested in production).
Table 20. Bluetooth® LE RF transmitter characteristics at 1 Mbit/s LE coded (S=8)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
PBW
6 dB bandwidth for modulated
carrier
Using resolution bandwidth of 100 kHz
-
670
-
kHz
PRF1, LE coded In-band emission at ±2 MHz(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-41
-
dBm
PRF2, LE coded
In-band emission at ±[3+n]
MHz, where n=0,1,2..(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-45
-
dBm
PSPUR
Spurious emission
Harmonics included. Using resolution
bandwidth of 1 MHz and average detector
-
-
-41
dBm
Freqdrift
Frequency drift(1)
Integration interval #n – integration interval
#0, where n=1,2,3..k
-50
-
+50
kHz
IFreqdrift
Initial carrier frequency drift(1)
Integration interval #3 – integration interval
#0
-19.2
-
+19.2
kHz
IntFreqdrift
Intermediate carrier frequency
drift(1)
Integration interval #n – integration interval
#(n-3), where n=7,8,9..k
-19.2
-
+19.2
kHz
DriftRatemax
Maximum drift rate(1)
Between any two 16-bit groups separated
by 48 µs
-19.2
-
+19.2
kHz/48
µs
ZRF1
Optimum RF load
(Impedance at RF1 pin)
@ 2440 MHz
-
40
-
Ω
1. Tested according to Bluetooth® SIG radio frequency physical layer (RF PHY) test suite (not tested in production).
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 43/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com