Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 24Page - STMicroelectronics STM32WB09TE Datasheet HTML 25Page - STMicroelectronics STM32WB09TE Datasheet HTML 26Page - STMicroelectronics STM32WB09TE Datasheet HTML 27Page - STMicroelectronics STM32WB09TE Datasheet HTML 28Page - STMicroelectronics STM32WB09TE Datasheet HTML 29Page - STMicroelectronics STM32WB09TE Datasheet HTML 30Page - STMicroelectronics STM32WB09TE Datasheet HTML 31Page - STMicroelectronics STM32WB09TE Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Pin number
Pin name
(function after
reset)
Pin
type
I/O
structure
Alternate functions
Additional functions
VFQFPN32
WLCSP36
5
G6
PA3
I/O
FT_a
DEBUG_SWCLK,
USART_RTS_DE, SPI3_SCK,
TIM2_CH2, TIM16_CH1N,
I2S3_SCK
ADC_VINP2,
PWR_WKUP15
6
F7
PA2
I/O
FT_a
DEBUG_SWDIO, USART_CK,
TIM2_CH1, TIM16_CH1,
I2S3_MCK
ADC_VINM2,
PWR_WKUP14
7
J7
PA1
I/O
FT_f
I2C1_SDA, IR_OUT,
USART_TX, TIM2_CH4
PWR_WKUP13
8
L7
PA0
I/O
FT_f
I2C1_SCL, USART_CTS,
IR_OUT, TIM2_CH3
PWR_WKUP12
9
N7
PA8
I/O
FT
USART_RX,
RADIO_RX_SEQUENCE,
SPI3_MISO, TIM2_CH3,
TIM16BK
PWR_WKUP8,
RTC_OUT
10
K6
PA9
I/O
FT
USART_TX, RTC_OUT,
SPI3_NSS, TIM2_CH4,
TIM17_CH1, I2S3_WS
PWR_WKUP9
11
L5
PA10
I/O
FT
LPUART_CTS,
RADIO_TX_SEQUENCE,
TIM17_CH1N, I2S3_MCK
PWR_WKUP10,
RCC_LCO
12
M6
PA11
I/O
FT
RCC_MCO,
RADIO_RX_SEQUENCE,
SPI3_MOSI, TIM17_BK,
I2S3_SD
PWR_WKUP11
13
A6
VDD2
S
-
-
1.7-3.6 battery voltage
input
14
N5
RF1
I/O
RF
-
RF input/output.
Impedance 50 Ω
15
M2
VDDRF
S
-
-
1.7-3.6 battery voltage
input
16
N1
OSCOUT
I/O
FT_a
-
32 MHz crystal
17
L1
OSCIN
I/O
FT_a
-
32 MHz crystal
18
G2
PB15
I/O
FT_a
USART_TX
PWR_WKUP19
19
F1
PB14
I/O
FT_a
RADIO_TX_SEQUENCE,
I2C1_SMBA, TIM2_ETR,
RCC_MCO, USART_RX
PWR_PVD_IN,
PWR_WKUP18
20
F3
PB13
I/O
FT_a
TIM2_CH4
RCC_OSC32_IN,
PWR_WKUP17
21
D3
PB12
I/O
FT_a
LPUART_CTS, RCC_LCO,
TIM2_CH3
RCC_OSC32_OUT,
PWR_WKUP16
22
E4
PB7
I/O
FT_f
USART_CTS, I2C1_SDA,
LPUART_RX, TIM2_CH2,
RF_ACTIVITY
PWR_WKUP7
23
C4
PB6
I/O
FT_f
I2C1_SCL, LPUART_TX,
TIM2_CH1, TIM17_CH1,
RADIO_ANTENNA_ID[6]
PWR_WKUP6
24
B1
VDDSD
S
-
-
1.7-3.6 battery voltage
input
25
D1
VLXSD
S
-
-
SMPS input/output
26
A2
VSSSD
S
-
-
SMPS Ground
STM32WB09xE
Pinout, pin description and
alternate functions
DS14210 - Rev 6
page 28/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com