Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 26Page - STMicroelectronics STM32WB09TE Datasheet HTML 27Page - STMicroelectronics STM32WB09TE Datasheet HTML 28Page - STMicroelectronics STM32WB09TE Datasheet HTML 29Page - STMicroelectronics STM32WB09TE Datasheet HTML 30Page - STMicroelectronics STM32WB09TE Datasheet HTML 31Page - STMicroelectronics STM32WB09TE Datasheet HTML 32Page - STMicroelectronics STM32WB09TE Datasheet HTML 33Page - STMicroelectronics STM32WB09TE Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
4.3
Alternate functions
Table 7. Alternate function port A
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
I2C1/SYS_AF/USART
IR/LPUART/USART
IR/RTC USART/RF
SPI3
TIM2
SYS_AF
TIM16/TIM17
SYS_AF
Port A
PA0
I2C1_SCL
USART_CTS
IR_OUT
-
TIM2_CH3 -
-
-
PA1
I2C1_SDA
IR_OUT
USART_TX
-
TIM2_CH4 -
-
-
PA2
DEBUG_SWDIO
USART_CK
-
I2S3_MCK
TIM2_CH1 DEBUG_SWDIO
TIM16_CH1
DEBUG_SWDIO
PA3
DEBUG_SWCLK
USART_RTS_DE
-
SPI3_SCK/ I2S3_SCK
TIM2_CH2 DEBUG_SWCLK
TIM16_CH1N DEBUG_SWCLK
PA8
USART_RX
-
RADIO_RX_SEQUENCE
SPI3_MISO
TIM2_CH3 -
TIM16_BK
-
PA9
USART_TX
-
RTC_OUT
SPI3_NSS/ I2S3_WS
TIM2_CH4 -
TIM17_CH1
-
PA10 -
LPUART_CTS
RADIO_TX_SEQUENCE
I2S3_MCK
-
-
TIM17_CH1N -
PA11 RCC_MCO
-
RADIO_RX_SEQUENCE
SPI3_MOSI/ I2S3_SD
-
-
TIM17_BK
-
Table 8. Alternate function port B
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
I2C1/ USART/LPUART
SYS_AF/ LPUART
LPUART/TIM2 TIM16/
RIM17
TIM2/SYS_AF/LPUART
TIM2
-
RF/USART
-
Port B
PB0 USART_RX
LPUART_RTS_DE
TIM16_CH1
-
-
-
RADIO_ANTENNA_ID[0]
-
PB1
USART_CK
-
TIM16_CH1N
TIM2_ETR
-
-
RADIO_ANTENNA_ID[1] -
PB2
USART_RTS_DE
-
TIM16_BK
TIM2_CH3
-
-
RADIO_ANTENNA_ID[2] -
PB3
USART_CTS
LPUART_TX
TIM17_CH1
TIM2_CH4
SPI3_SCK/ I2S3_SCK -
RADIO_ANTENNA_ID[3] -
PB4
LPUART_TX
-
TIM17_CH1N
-
TIM2_CH1
-
RADIO_ANTENNA_ID[4] -
PB5
LPUART_RX
-
TIM17_BK
-
TIM2_CH2
-
RADIO_ANTENNA_ID[5] -
PB6
I2C1_SCL
-
TIM17_CH1
LPUART_TX
TIM2_CH1
-
RADIO_ANTENNA_ID[6] -
PB7
I2C1_SDA
-
USART_CTS
LPUART_RX
TIM2_CH2
-
RADIO_RF_ACTIVITY
-
PB12 -
RCC_LCO
LPUART_CTS
-
TIM2_CH3
-
-
-
PB13 -
-
-
-
TIM2_CH4
-
-
-
PB14 I2C1_SMBA
RADIO_TX_SEQUENCE TIM2_ETR
RCC_MCO
-
-
USART_RX
-
PB15 -
-
-
-
-
-
USART_TX
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com