Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 5Page - STMicroelectronics STM32WB09TE Datasheet HTML 6Page - STMicroelectronics STM32WB09TE Datasheet HTML 7Page - STMicroelectronics STM32WB09TE Datasheet HTML 8Page - STMicroelectronics STM32WB09TE Datasheet HTML 9Page - STMicroelectronics STM32WB09TE Datasheet HTML 10Page - STMicroelectronics STM32WB09TE Datasheet HTML 11Page - STMicroelectronics STM32WB09TE Datasheet HTML 12Page - STMicroelectronics STM32WB09TE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
•
Flash memory erase operations: page erase or mass erase
•
Page write protect mechanism: 4 variable-size memory segments
3.4.2
Embedded SRAM
The STM3WB09xE has a total of 64 Kbytes of embedded SRAM, split into four banks as shown in the following
table:
Table 2. SRAM overview
SRAM bank
Size
Address
Retained in Deepstop
SRAM0
16 Kbytes
0x2000 0000
Always
SRAM1
16 Kbytes
0x2000 4000
Programmable by the user
SRAM2
16 Kbytes
0x2000 8000
Programmable by the user
SRAM3
16 Kbytes
0x2000 C000
Programmable by the user
3.4.3
Embedded ROM
The STM3WB09xE has a total of 7 Kbytes of embedded ROM. This area is ST reserved and contains:
•
The UART bootloader from which the CPU boots after each reset (first 6 Kbytes of ROM memory)
•
Some ST reserved values including the ADC trimming values (the last 1 Kbytes of ROM memory)
3.4.4
Embedded OTP
The one-time-programmable (OTP) is a memory of 1 Kbytes dedicated for user data. The OTP data cannot be
erased.
The user can protect the OTP data area by writing the last word at address 0x1000 1BFC and by performing a
system reset. This operation freezes the OTP memory from further unwanted write operations.
3.5
Security and safety
The STM3WB09xE contains many security blocks for the Bluetooth® LE and the host application.
It includes:
•
Flash read/write protections over accidental and intentional actions
•
As protection against potential hacker attacks, the SWD access can be disabled
•
Secure bootloader
•
Customer storage of the Bluetooth® LE keys
•
True random number generator (TRNG) supporting NIST special publication 800-90B
•
Private key accelerator (PKA) including:
–
Modular arithmetic including exponentiation with maximum modulo size of 3136 bits
–
Elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA verification with
maximum modulo size of 521 bits
–
Security level allowing constant time operations
•
Cyclic redundancy check calculation unit (CRC)
3.6
Boot modes
Following CPU boot, the application software can modify the memory map at address 0x0000 0000. This
modification is performed by programming the REMAP bit in the flash controller.
The following memory can be remapped:
•
Main flash memory
•
SRAM0 memory
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 9/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com