Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09TE Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 36Page - STMicroelectronics STM32WB09TE Datasheet HTML 37Page - STMicroelectronics STM32WB09TE Datasheet HTML 38Page - STMicroelectronics STM32WB09TE Datasheet HTML 39Page - STMicroelectronics STM32WB09TE Datasheet HTML 40Page - STMicroelectronics STM32WB09TE Datasheet HTML 41Page - STMicroelectronics STM32WB09TE Datasheet HTML 42Page - STMicroelectronics STM32WB09TE Datasheet HTML 43Page - STMicroelectronics STM32WB09TE Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
Radio TX 0 dBm
output power with
CPU in WFI (32MHz),
clock source Direct
HSE
µA
-
10526
IDYNAMIC
Dynamic current
Computed value (CPU
64 MHz Dhrystone -
CPU 32 MHz
Dhrystone) / 32
-
31.5
µA/MHz
Table 16. Peripheral current consumption at VDD = 3.3 V, system clock (32 MHz), SMPS on
Parameter
Typ.
Unit
ADC
25
µA
DMA
34
GPIOA
1
GPIOB
1
I2C1
40
IWDG
7
LPUART
54
PKA
358
TRNG
67
RTC
10
SPI3/I2S3
38/43
Systick
8
TIM2
132
TIM16
80
TIM17
77
USART
87
SYSCFG
23
CRC
6
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 40/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com