Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 4 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 4 Page - Clarke International

  GP32/2 Datasheet HTML 1Page - Clarke International GP32/2 Datasheet HTML 2Page - Clarke International GP32/2 Datasheet HTML 3Page - Clarke International GP32/2 Datasheet HTML 4Page - Clarke International GP32/2 Datasheet HTML 5Page - Clarke International GP32/2 Datasheet HTML 6Page - Clarke International GP32/2 Datasheet HTML 7Page - Clarke International GP32/2 Datasheet HTML 8Page - Clarke International GP32/2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WORK AREA
1. ALWAYS use in a well ventilated area.
2. ALWAYS position the exhaust outlet away from people.
3. NEVER use indoors or in a confined space.
4. ALWAYS keep children away from the generator.
POSITIONING THE GENERATOR
1. ALWAYS leave a least a 1m gap between the generator and any surrounding
building or structures.
2. ALWAYS ensure the generator is on a dry, solid, level and flat surface.
3. ALWAYS ensure the surrounding area is free from any material that could burn or
be damaged by heat.
4. NEVER move or tilt the generator whilst it is switched on.
FIRE PREVENTION
1. ALWAYS switch the engine OFF when refuelling. Allow generator to cool for at
least 2 minutes before removing the fuel cap. Loosen cap slowly to relieve
pressure in the tank.
2. ALWAYS refuel away from any source of heat.
3. ALWAYS refuel in a well ventilated area.
4. ONLY use standard unleaded petrol.
5. DO NOT overfill the fuel tank. DO NOT fill to the very top of the tank and leave
room for petrol expansion.
6. NEVER smoke whilst refuelling and avoid smoking or using a naked flame near
the generator.
7. DO NOT operate near an open flame, heat or flammable materials. This
generator may emit highly flammable and explosive petrol vapours.
8. NEVER start the engine if there is spilled fuel. Any spillage must be wiped clean
and the generator allowed to dry before attempting to start the engine.
PREVENTION OF ELECTRIC SHOCK
1. NEVER use the generator in wet conditions unless it is well protected/covered.
Under these conditions, adequate ventilation MUST be provided.
2. NEVER operate the generator with wet hands.
3. NEVER use water or any other liquids to clean the generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com