Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 13 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 13 Page - Clarke International

Back Button GP32/2 Datasheet HTML 9Page - Clarke International GP32/2 Datasheet HTML 10Page - Clarke International GP32/2 Datasheet HTML 11Page - Clarke International GP32/2 Datasheet HTML 12Page - Clarke International GP32/2 Datasheet HTML 13Page - Clarke International GP32/2 Datasheet HTML 14Page - Clarke International GP32/2 Datasheet HTML 15Page - Clarke International GP32/2 Datasheet HTML 16Page - Clarke International GP32/2 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
3. Using the oil funnel or appropriate dispenser, slowly
add oil as shown, being careful not to overfill the unit.
Fill the crankcase to the upper fill line so you can
visually see the oil coming halfway up the oil fill
threads.
4. Refit the oil dipstick and firmly tighten it. Wipe clean
any spilled oil.
NOTE: Used engine oil should be
disposed of at an approved
disposal site. See local authority
recycling for more information.
For subsequent operation, the oil level should be checked before each use, or after
every 8 hours of operation. The generator is equipped with a low oil sensor and will not
start without a sufficient amount of oil.
TO CHECK OIL LEVEL (BEFORE EVERY SUBSEQUENT START)
1. Place the generator on a level surface. Make sure the
engine is OFF before adding or checking oil.
2. Open the oil access cover. Remove and wipe the
dipstick with a clean rag.
3. Insert the dipstick into the oil fill without screwing it in.
Remove the dipstick and check the oil mark.
4. If the oil mark covers less than one half of the dipstick,
slowly add oil until the oil mark reaches to the top of
the dipstick (or when you can see the oil coming
halfway up the oil fill threads).
5. Wipe clean any oil leaks and firmly tighten the dipstick.
Reinstall the oil access cover.
STEP 2 - ADD/CHECK FUEL
Use only fresh (within 30 days from purchase), lead-free petrol with a minimum of 87
(E10) octane rating. The generator performs best with ethanol-free petrol. DO NOT use
petrol with over 10% ethanol. The capacity of the fuel tank is 26 Litres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com