Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 43 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 43 Page - Clarke International

Back Button GP32/2 Datasheet HTML 36Page - Clarke International GP32/2 Datasheet HTML 37Page - Clarke International GP32/2 Datasheet HTML 38Page - Clarke International GP32/2 Datasheet HTML 39Page - Clarke International GP32/2 Datasheet HTML 40Page - Clarke International GP32/2 Datasheet HTML 41Page - Clarke International GP32/2 Datasheet HTML 42Page - Clarke International GP32/2 Datasheet HTML 43Page - Clarke International GP32/2 Datasheet HTML 44Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
43
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CLARKE GENERATOR ACCESSORIES
230V Blue Generator Plug
- GP32/2
Extension Lead - EL14IEC
20 Litre Fuel Can Green -
JC20LG
• 230V 32A Generator
Plug
• Part No. 6160730
• Max. Capacity: 13A,
3120W
• 14 Metre Length
• Part No. 3220845
• 0.8mm Thick Steel
Construction
• Locking Pin on Cap
• Part No. 7649900
Oil Drainage Pan - COP8
SAE30 Motor Oil -
SAE30
Fuel Can Spout -
SP20L
• 8 Litre Capacity.
• Wide Pan with Pouring
Lip
• Part No. 7649850
• 1 Litre
• Part No. 3050852
• Bayonet type fitting with
rubber seal
• Part No. 7650225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com