Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 14 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 14 Page - Clarke International

Back Button GP32/2 Datasheet HTML 10Page - Clarke International GP32/2 Datasheet HTML 11Page - Clarke International GP32/2 Datasheet HTML 12Page - Clarke International GP32/2 Datasheet HTML 13Page - Clarke International GP32/2 Datasheet HTML 14Page - Clarke International GP32/2 Datasheet HTML 15Page - Clarke International GP32/2 Datasheet HTML 16Page - Clarke International GP32/2 Datasheet HTML 17Page - Clarke International GP32/2 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
(5.7 gallons). DO NOT MIX OIL WITH THE PETROL.
To add petrol, follow these steps:
1. Make sure the generator is shut OFF and
on a level surface. Unscrew the fuel cap,
as shown, and set it aside. The fuel cap
may be tight and hard to unscrew.
2. Slowly add unleaded petrol to the fuel
tank. Be careful not to overfill and only fill
to the marked fill line on the fuel level
indicator.
NOTE: DO NOT fill the fuel tank to the very
top. If you do so, petrol will expand
and spill during use, even with the fuel cap in place.
3. Reinstall the fuel cap and wipe clean any spilled petrol with a dry cloth.
NOTE: During operation, the fuel level will be displayed on the data centre of
the control panel, or check the fuel gauge. If the fuel level is low, refill
the fuel tank before starting your generator for the next time.
STEP 3 - CONNECT THE BATTERY
The generator is shipped with the lead acid battery’s negative (black, ‘-’)
WARNING: KEEP GENERATOR AWAY FROM OPEN FLAME. THIS
GENERATOR MAY EMIT HIGHLY FLAMMABLE AND EXPLOSIVE
PETROL VAPOUR, WHICH CAN CAUSE SEVERE BURNS OR EVEN
DEATH IF IGNITED. A NEARBY OPEN FLAME CAN LEAD TO
EXPLOSION EVEN IF NOT DIRECTLY IN CONTACT WITH THE
PETROL.
WARNING: ENSURE THERE IS ADEQUATE FUEL IN THE TANK WHEN
USING THE GENERATOR. RUNNING OUT OF FUEL OR STOPPING THE
ENGINE SUDDENLY WITH A LOAD CONNECTED COULD CAUSE
SERIOUS DAMAGE.
CAUTION: ALWAYS USE EYE PROTECTION WHEN HANDLING
BATTERIES AND WASH YOURS HANDS AFTER HANDLING.
• Keep battery away from sparks, cigarettes or other sources of flame.
• Connect & disconnect battery only when generator is OFF and in well
ventilated areas.
• Keep out of reach of children.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com