Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 7 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 7 Page - Clarke International

Back Button GP32/2 Datasheet HTML 3Page - Clarke International GP32/2 Datasheet HTML 4Page - Clarke International GP32/2 Datasheet HTML 5Page - Clarke International GP32/2 Datasheet HTML 6Page - Clarke International GP32/2 Datasheet HTML 7Page - Clarke International GP32/2 Datasheet HTML 8Page - Clarke International GP32/2 Datasheet HTML 9Page - Clarke International GP32/2 Datasheet HTML 10Page - Clarke International GP32/2 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONTROL PANEL OVERVIEW
NO DESCRIPTION
NO DESCRIPTION
1
Fuel Gauge, Voltage & Load
Display
8
13A, AC 230V 3 Pin Plug Outlets
2
Low Idle Switch
9
Parallel Operation Outlet
3
DC 5V USB Outlet
10 Ground Earthing Point
4
DC 12V Adaptor Outlet &
9A Circuit Protector
11 Fuel Switch
5
13A Circuit Breaker x 2
12 Main SW Switch ON/OFF Button
6
31A Circuit Breaker
13 Engine STOP/START Button
7
32A, AC 230V 3 Pin Plug Industrial
Outlet
14 Output, Overload Alarm & Low Oil
Alert Indictors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com