Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 21 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 21 Page - Clarke International

Back Button GP32/2 Datasheet HTML 17Page - Clarke International GP32/2 Datasheet HTML 18Page - Clarke International GP32/2 Datasheet HTML 19Page - Clarke International GP32/2 Datasheet HTML 20Page - Clarke International GP32/2 Datasheet HTML 21Page - Clarke International GP32/2 Datasheet HTML 22Page - Clarke International GP32/2 Datasheet HTML 23Page - Clarke International GP32/2 Datasheet HTML 24Page - Clarke International GP32/2 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPARK PLUG MAINTENANCE
The spark plug must be properly gapped and free of deposits in order to ensure
proper engine operation. If the engine is hot, allow it to cool before servicing the
spark plug (refer to recommended maintenance schedule).
TO INSPECT OR REPLACE THE SPARK PLUG:
1. Unscrew the maintenance cover
knob and remove the cover from
the side panel.
2. Remove the spark plug cap.
3. Use the included spark plug
spanner to unscrew and then
carefully remove the spark plug
from the engine.
NOTE: There is limited space for the
spanner to turn, use the arm
to gain leverage to loosen the
plug.
4. Visually inspect the spark plug. If it is cracked or chipped, or if the electrodes are
worn or burned, discard it and replace with a new spark plug.
5. If re-using the spark plug, use a wire brush to clean any dirt from around the
spark plug base, then re-gap the spark plug.
6. Measure the plug gap with a spark
plug gap gauge. The gap should be
0.7 - 0.8mm (0.028 - 0.031in).
Carefully adjust the gap if necessary.
7. Screw the spark plug back into the
spark plug hole using the spark plug
spanner. DO NOT over-tighten the
spark plug. Recommended tightening
a spark plug is 1/2 to 4/3 of a turn
(15ft/lb torque/20.33Nm) after the spark plug gasket contacts the spark plug
hole.
8. Reinstall the spark plug cap and maintenance cover.
SPARK ARRESTOR MAINTENANCE
Inspect and clean the spark arrestor every 100 hours of operation (refer to
recommended maintenance schedule). The spark arrestor is located outside the
muffler, which gets very hot during operation. Allow the engine and the muffler to
cool completely before servicing the spark arrestor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com