Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 28 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 28 Page - Clarke International

Back Button GP32/2 Datasheet HTML 24Page - Clarke International GP32/2 Datasheet HTML 25Page - Clarke International GP32/2 Datasheet HTML 26Page - Clarke International GP32/2 Datasheet HTML 27Page - Clarke International GP32/2 Datasheet HTML 28Page - Clarke International GP32/2 Datasheet HTML 29Page - Clarke International GP32/2 Datasheet HTML 30Page - Clarke International GP32/2 Datasheet HTML 31Page - Clarke International GP32/2 Datasheet HTML 32Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
CLARKE part no 8877135
IG8000
Engine
Engine Model
SC460
Fuel Type
Unleaded Petrol (E10)
Displacement (cc)
459 (16HP)
Start system
Electric, Remote
Control & Hand Recoil
Fuel tank capacity (L)
26
Fuel consumption (L/Hr)
3.1
Maximum run time @75% Load
8 hours 15 mins
Engine oil type
SAE10W30
Engine oil capacity (L)
1 Litre
Battery
12V, 14Ah Lead Acid
High Temperature Shut Down
80°C
Generator
Rated Frequency (Hz)
50
AC Output Voltage (230V)
13A x 2, 32A x 1
DC Output Voltage (V)
5V x 1 (USB) & 12V x 1
Rated Running Power (W)
7000
Max. Starting Power (W)
7500
IP Rating
IP23M
Dimensions
Depth x Width x Height (mm)
610 x 770 x 755
Weight (kg): Minus Fuel & Oil
114
Environmental
Sound pressure level
74 dB
Sound power level
94 dB
Guaranteed sound power level
97 dB
Uncertainty factor
2.8 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com