Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 5 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 5 Page - Clarke International

  GP32/2 Datasheet HTML 1Page - Clarke International GP32/2 Datasheet HTML 2Page - Clarke International GP32/2 Datasheet HTML 3Page - Clarke International GP32/2 Datasheet HTML 4Page - Clarke International GP32/2 Datasheet HTML 5Page - Clarke International GP32/2 Datasheet HTML 6Page - Clarke International GP32/2 Datasheet HTML 7Page - Clarke International GP32/2 Datasheet HTML 8Page - Clarke International GP32/2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4. ALWAYS ground the generator before using it to maximise safety, see ‘Ground
The Generator’ section on pages 15.
5. ALWAYS use a ground fault circuit interrupter (GFCI) in highly conductive areas
such as metal decking or steel work. Extension cords with an in-line GFCI are
recommended for these operations.
ADDITIONAL SAFETY RULES FOR GENERATORS
1. ALWAYS ensure the applied load does not exceed the generator rating.
Overloading the generator is dangerous and could cause damage.
2. ALWAYS disconnect and switch off the generator when carrying out any
maintenance.
3. ALWAYS ensure the generator reaches operating speed before connecting a
load.
4. NEVER allow the generator to run out of fuel when a load is connected.
5. NEVER transport the generator with fuel in the tank.
6. DO NOT connect to a commercial or residential power supply; e.g. ring main.
7. DO NOT touch hot parts. This generator produces heat when running.
Temperatures near the exhaust can exceed 150°F/65°C. Allow the generator to
cool down after use before touching the engine or areas of the generator that
become hot during use.
8. If any part of the generator, electrical device or power cable is broken, damaged
or defective, make sure it is repaired or replaced before using. Service or repair of
the generator should only be performed by a qualified technician.
9. NEVER modify the generator in any way. Modifying or using the generator for any
other purpose for which it is not designed may result in serious injury, machine
damage and voiding of the warranty.
10. ALWAYS turn off all connected electrical devices before stopping the generator.
11. ALWAYS turn the engine switch to the ‘OFF’ position when the engine is not
running.
12. NEVER carry or lift the generator using the handle assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com