Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 16 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 16 Page - Clarke International

Back Button GP32/2 Datasheet HTML 12Page - Clarke International GP32/2 Datasheet HTML 13Page - Clarke International GP32/2 Datasheet HTML 14Page - Clarke International GP32/2 Datasheet HTML 15Page - Clarke International GP32/2 Datasheet HTML 16Page - Clarke International GP32/2 Datasheet HTML 17Page - Clarke International GP32/2 Datasheet HTML 18Page - Clarke International GP32/2 Datasheet HTML 19Page - Clarke International GP32/2 Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STARTING YOUR GENERATOR
Before starting the generator, make sure you have read and performed the steps in the
‘Generator Preparation’ section (pages 12-15) of this manual.
ALWAYS use a ground fault circuit interrupter (GFCI) in highly conductive areas such
as metal decking or steel work. GFCI’s are available in-line with some extension cables.
CAUTION: DISCONNECT ALL ELECTRICAL LOADS FROM THE GENERATOR
BEFORE ATTEMPTING TO START.
BEFORE STARTING THE GENERATOR:
1. Verify that the generator is outside on a dry, level surface. Allow at least 1m of
clearance on all sides of the generator.
2. To maximise safety, check that the generator is properly grounded (see above).
3. Check there is sufficient level of oil in the crankcase. Add oil if necessary.
4. Make sure there is sufficient level of petrol in the fuel tank. Add fuel if necessary,
see pages 13-14.
5. Make sure all electrical devices are unplugged from the generator during ignition.
Otherwise it will be difficult for the engine to start.
TO START THE GENERATOR, PERFORM THE FOLLOWING
STEPS:
1. Turn the LOW IDLE MODE switch
to the ‘OFF’ position.
NOTE: If you wish to use the Low
Idle Mode, turn the switch
to the ‘ON’ position after
the engine has warmed up
for 2 - 3 minutes.
2. Turn the MAIN SWITCH to the
‘ON’ position.
WARNING: GENERATOR EXHAUST EMISSIONS CONTAINS CARBON
MONOXIDE (CO). THIS IS A POISONOUS GAS YOU CANNOT SEE OR
SMELL. IF YOU CAN SMELL THE GENERATOR EXHAUST, YOU ARE
BREATHING IN CO GAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com