Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP32/2 Datasheet(PDF) 9 Page - Clarke International

Part # GP32/2
Description  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 Datasheet(HTML) 9 Page - Clarke International

Back Button GP32/2 Datasheet HTML 5Page - Clarke International GP32/2 Datasheet HTML 6Page - Clarke International GP32/2 Datasheet HTML 7Page - Clarke International GP32/2 Datasheet HTML 8Page - Clarke International GP32/2 Datasheet HTML 9Page - Clarke International GP32/2 Datasheet HTML 10Page - Clarke International GP32/2 Datasheet HTML 11Page - Clarke International GP32/2 Datasheet HTML 12Page - Clarke International GP32/2 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
KNOW YOUR GENERATOR
LOW IDLE
This generator is equipped with a low idle switch.
Engaging this switch allows the system to regulate the
engine speed and automatically adjust its fuel
consumption to match the required load. When the
electrical load changes, the generator engine will
automatically speed up and slow down as needed. This
reduces fuel consumption and noise levels, while
extending runtime and the engines lifespan.
Keep this switch engaged (ON) only when the power load
requirement is less than 75% of the rated watts. DO NOT
engage the switch when the total load is more than 75%
of rated watts. The generator engine must run at full
speed to supply power for anything over 75% of rated
watts.
PARALLEL OPERATION
The parallel operation outlet allows you to
connect two of these generators together
to increase the total available electrical
power. Follow the instructions included
with the parallel operation kit for correct
installation and operation.
NOTE: The Parallel Operation Kit is not
supplied with this generator.
Contact your CLARKE dealer for more information.
CIRCUIT BREAKERS
The circuit breakers protect the
individual AC and DC circuits. The AC
circuit breaker will activate when the AC
outlets exceed their maximum current.
The DC circuit breaker will activate when
the DC 12V and/or 5V USB outlet exceed
their maximum current. When the circuit
breaker activates, turn off and
disconnect the device(s) from the respective outlets and press the circuit breaker to
reset.
NOTE: The 31A circuit breaker may activate if there is a power issue with the
13A circuits. This is so that all circuits are protected in case of a power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com